Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHLP-4040DZ-51 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IHLP-4040DZ-51
Description  Low Profile, High Current IHLP® Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP-4040DZ-51 Datasheet(HTML) 1 Page - Vishay Siliconix

  IHLP-4040DZ-51 Datasheet HTML 1Page - Vishay Siliconix IHLP-4040DZ-51 Datasheet HTML 2Page - Vishay Siliconix IHLP-4040DZ-51 Datasheet HTML 3Page - Vishay Siliconix IHLP-4040DZ-51 Datasheet HTML 4Page - Vishay Siliconix IHLP-4040DZ-51 Datasheet HTML 5Page - Vishay Siliconix IHLP-4040DZ-51 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IHLP-4040DZ-51
www.vishay.com
Vishay Dale
Revision: 21-Mar-17
1
Document Number: 34346
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Profile, High Current IHLP® Inductors
Manufactured under one or more of the following:
US Patents; 6,198,375/6,204,744/6,449,829/6,460,244.
Several foreign patents, and other patents pending.
Notes
(1) All test data is referenced to 25 °C ambient
(2) Operating temperature range -55 °C to +155 °C
(3) DC current (A) that will cause an approximate
T of 40 °C
(4) DC current (A) that will cause L0 to drop approximately 20 %
(5) The part temperature (ambient + temp. rise) should not exceed
155 °C under worst case operating conditions. Circuit design,
component placement, PWB trace size and thickness, airflow
and other cooling provisions all affect the part temperature. Part
temperature should be verified in the end application.
(6) Maximum recommended operating voltage (across inductor)
= 75 V
FEATURES
• High temperature, up to 155 °C
• Shielded construction
• Excellent DC/DC energy storage up to 1 MHz
to 2 MHz. Filter inductor applications up the
SRF (see Standard Electrical Specifications
table).
• Lowest DCR/μH, in this package size
• Handles high transient current spikes without
saturation
• Ultra low buzz noise, due to composite construction
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• PDA / notebook / desktop / server applications
• High current POL converters
• Low profile, high current power supplies
• Battery powered devices
• DC/DC converters in distributed power systems
• DC/DC converter for Field Programmable Gate Array
(FPGA)
STANDARD ELECTRICAL SPECIFICATIONS
L0
INDUCTANCE
± 20 %
AT 100 kHz,
0.25 V, 0 A
(μH)
DCR
TYP.
25 °C
(m
)
DCR
MAX.
25 °C
(m
)
HEAT
RATING
CURRENT
DC TYP.
(A) (3)
SATURATION
CURRENT
DC TYP.
(A) (4)
SRF
TYP.
(MHz)
0.47
1.55
1.66
30.0
28.5
72.1
1.0
2.87
3.07
23.5
24.0
37.2
1.5
4.2
4.5
22.0
17.9
32
2.2
8.15
8.76
15
12
30.1
3.3
11.0
11.81
11.0
12.0
25.5
4.7
14.3
15.32
9.8
9.2
20.1
5.6
16.5
17.60
9.3
9.0
16.3
6.8
20.9
22.36
8.0
9.0
16.3
10
30.9
33.06
6.5
8.5
11.5
15
47.0
50.29
5.1
7.7
10.4
22
70.5
75.44
4.1
6.4
8.30
33
110
117.70
3.7
4.2
5.79
47
167
178
2.5
4.5
5.22
68
240
252
2.4
3.5
4.02
DIMENSIONS in inches [millimeters]
0.405
[10.3]
max.
0.158
[4.0]
max.
0.084 ± 0.015
[2.134 ± 0.381]
0.405
[10.3]
max.
0.085 ± 0.01
[2.2 ± 0.3]
0.425 ± 0.01
[10.795 ± 0.3]
The diagram above applies to values
2.2 μH and above.
0.118 ± 0.01
[3.0 ± 0.3]
The diagram above applies to values
1.5 μH and below.
0.185 ± 0.01
[4.7 ± 0.3]
0.158
[4.0]
max.
0.425 ± 0.01
[10.795 ± 0.3]
0.405
[10.3]
max.
0.405
[10.3]
max.
0.475
[12.065]
0.128
[3.251]
0.229
[5.817]
0.480
[12.192]
0.195
[4.953]
0.230
[5.842]
Typical Pad Layout
Typical Pad Layout
DESCRIPTION
IHLP-4040DZ-51
4.7 μH
± 20 %
ER
e3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC® LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I
H
L
P
4
040
D
Z
E
R
4
R
7
M
51
PRODUCT FAMILY
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
TOL.
SERIES


Similar Part No. - IHLP-4040DZ-51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-4040DZ-51 VISHAY-IHLP-4040DZ-51 Datasheet
351Kb / 6P
   IHLP® Commercial Inductors, High Temperature (155 °C) Series
Revision: 28-Jul-17
IHLP-4040DZ-51 VISHAY-IHLP-4040DZ-51 Datasheet
337Kb / 6P
   IHLP® Commercial Inductors, High Temperature (155 °C) Series
01-Jan-2022
IHLP-4040DZ-51 VISHAY-IHLP-4040DZ-51_17 Datasheet
351Kb / 6P
   IHLP® Commercial Inductors, High Temperature (155 °C) Series
Revision: 28-Jul-17
IHLP-4040DZ-51 VISHAY-IHLP-4040DZ-51_V01 Datasheet
337Kb / 6P
   IHLP® Commercial Inductors, High Temperature (155 °C) Series
01-Jan-2022
More results

Similar Description - IHLP-4040DZ-51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP1212BZER3R3M11 VISHAY-IHLP1212BZER3R3M11 Datasheet
198Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 16-Jul-13
IHLP6767GZER220M11 VISHAY-IHLP6767GZER220M11 Datasheet
138Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 30-Aug-10
IHLP5050CEER3R3M01 VISHAY-IHLP5050CEER3R3M01 Datasheet
140Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 24-Feb-11
IHLP2020CZER2R2M01 VISHAY-IHLP2020CZER2R2M01 Datasheet
118Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 08-Mar-11
IHLP5050EZER3R3M01 VISHAY-IHLP5050EZER3R3M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
LP40DZ11 VISHAY-LP40DZ11 Datasheet
126Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 20-Oct-11
IHLP2525BDERR33M01 VISHAY-IHLP2525BDERR33M01 Datasheet
108Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Feb-11
IHLP4040DZER100M11 VISHAY-IHLP4040DZER100M11 Datasheet
138Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 28-Mar-14
IHLP1212BZER1R5M11 VISHAY-IHLP1212BZER1R5M11 Datasheet
198Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 19-May-14
IHLP5050FDER1R0M01 VISHAY-IHLP5050FDER1R0M01 Datasheet
135Kb / 5P
   Low Profile, High Current IHLP® Inductors
Revision: 25-Feb-11
IHLP1616BZER4R7M11 VISHAY-IHLP1616BZER4R7M11 Datasheet
214Kb / 4P
   Low Profile, High Current IHLP® Inductors
Revision: 19-Dec-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com