Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V2F118X500Y1EDP Datasheet(PDF) 3 Page - AVX Corporation

Part # V2F118X500Y1EDP
Description  TransFeed
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

V2F118X500Y1EDP Datasheet(HTML) 3 Page - AVX Corporation

  V2F118X500Y1EDP Datasheet HTML 1Page - AVX Corporation V2F118X500Y1EDP Datasheet HTML 2Page - AVX Corporation V2F118X500Y1EDP Datasheet HTML 3Page - AVX Corporation V2F118X500Y1EDP Datasheet HTML 4Page - AVX Corporation V2F118X500Y1EDP Datasheet HTML 5Page - AVX Corporation V2F118X500Y1EDP Datasheet HTML 6Page - AVX Corporation V2F118X500Y1EDP Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
85
080216
TransFeed
AVX Multilayer Ceramic Transient Voltage Suppressors
TVS Protection and EMI Attenuation in a Single Chip
BW
T
S
X
L
C
L
EW
W
BL
T
P
INPUT
OUTPUT
L
C
P
S
W
DIMENSIONS
mm (inches)
LW
T
BW
BL
EW
X
S
0805
2.01 ± 0.20
1.25 ± 0.20
1.143 Max.
0.46 ± 0.10
0.18 + 0.25 -0.08
0.25 ± 0.13
1.02 ± 0.10
0.23 ± 0.05
(0.079 ± 0.008) (0.049 ± 0.008)
(0.045 Max.)
(0.018 ± 0.004) (0.007 + 0.010 -0.003) (0.010 ± 0.005) (0.040 ± 0.004) (0.009 ± 0.002)
RECOMMENDED SOLDER PAD LAYOUT (Typical Dimensions)
mm (inches)
TP
S
W
L
C
0805
3.45 (0.136)
0.51 (0.020)
0.76 (0.030)
1.27 (0.050)
1.02 (0.040)
0.46 (0.018)
4 Pad Layout
18LC
18A
14A
9A
5A
0
-10
-20
-30
-40
-50
-60
-70
0.01
0.1
1
Frequency (GHz)
10
TransFeed 0.1J
18C
5C
14C
9C
0
-10
-20
-30
-40
-50
-60
-70
0.01
0.1
1
Frequency (GHz)
10
TransFeed 0.3J
dB Attenuation vs Frequency


Similar Part No. - V2F118X500Y1EDP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
V2F118X500Y3D AVX-V2F118X500Y3D Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F118X500Y3D AVX-V2F118X500Y3D Datasheet
385Kb / 8P
   AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
More results

Similar Description - V2F118X500Y1EDP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
V2AF105A150Y2EDP AVX-V2AF105A150Y2EDP Datasheet
143Kb / 5P
   TransFeed Automotive Series
V2F105A150Y2ERP AVX-V2F105A150Y2ERP Datasheet
385Kb / 8P
   TransFeed AVX Multilayer Cermic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com