Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4358 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD4358
Description  192 KHZ 24 BIT 8 CH DAC WITH DSD INPUT
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4358 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD4358 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4358 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4358 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4358 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4358 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4358 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4358 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4358 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4358 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ASAHI KASEI
[AK4358]
MS0203-E-00
2003/02
- 3 -
Compatibility with AK4357
1. Function & Performance
Functions
AK4357
AK4358
# of channels
6
8
DR
106dB
112dB
48kHz/96kHz TDM
Not available
Available
I2C
Not available
Available
DSDM control
Pin/Register
Register
Input channel of DZF pin
Fixed
Programmable
2. Pin Configuration
Pin #
AK4357
AK4358
3
DZFL1
DZF3
4
DZFR1
DZF2
5
DZF23
DZF1
7
CAD1
ACKSN
12
NC
DVSS
13
DVSS
SDTI4
18
SMUTE
I2C
19
CCLK
CCLK/SCL
20
CDTI
CDTI/SDA
21
CSN
CSN/CAD1
22
DSDM
DCLK
23
DCLK
DSDL4
24
NC
DSDR4
32
DIF1
ROUT4-
33
DIF2
ROUT4+
37
AVSS
LOUT4-
38
AVSS
LOUT4-
3. Register
Addr
Bit
AK4357
AK4358
00H
D5
DZFM
0
01H
D6
0
PW4
04H
D7
ATT7
ATTE
05H
D7
ATT7
ATTE
06H
D7
ATT7
ATTE
07H
D7
ATT7
ATTE
08H
D7
ATT7
ATTE
09H
D7
ATT7
ATTE
0AH
D7, D6
0, 0
TDM1, TDM0
0BH
Not available
LOUT4 ATT Control
0CH
Not available
ROUT4 ATT Control
0DH
Not available
DZF1 control
0EH
Not available
DZF2 control
0FH
Not available
DZF3 control


Similar Part No. - AKD4358

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4358 AKM-AKD4358 Datasheet
398Kb / 36P
   192kHz 24-Bit 8ch DAC with DSD Input
AKD4358-B AKM-AKD4358-B Datasheet
734Kb / 46P
   digital audio interface that can interface with digital audio systems via opt-connector or RCA connector
More results

Similar Description - AKD4358

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1833A AD-AD1833A Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
AD1833 AD-AD1833_15 Datasheet
532Kb / 20P
   Multichannel, 24-Bit, 192 kHz, DAC
REV. A
AD1833A AD-AD1833A_15 Datasheet
697Kb / 20P
   Multichannel, 24-Bit, 192 kHz, DAC
REV. 0
logo
Asahi Kasei Microsystem...
AK4383 AKM-AK4383 Datasheet
280Kb / 25P
   192kHz 24-Bit 2ch DAC with DSD input
AK4357 AKM-AK4357 Datasheet
182Kb / 27P
   192kHz 24-Bit 6ch DAC with DSD Input
logo
Analog Devices
AD1833 AD-AD1833 Datasheet
419Kb / 20P
   Multichannel 24-Bit, 192 kHz, DAC
REV. 0
logo
Asahi Kasei Microsystem...
AK4359 AKM-AK4359 Datasheet
369Kb / 32P
   192 KHZ 24 BIT 8CH DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Asahi Kasei Microsystem...
AK4358 AKM-AK4358_06 Datasheet
398Kb / 36P
   192kHz 24-Bit 8ch DAC with DSD Input
logo
Analog Devices
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com