Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4358VQ Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4358VQ
Description  192 KHZ 24 BIT 8 CH DAC WITH DSD INPUT
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4358VQ Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4358VQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 11Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
ASAHI KASEI
[AK4358]
MS0203-E-00
2003/02
- 8 -
SWITCHING CHARACTERISTICS
(Ta = 25
°C; AVDD, DVDD = 4.75 ∼ 5.25V; C
L = 20pF)
Parameter
Symbol
Min
Typ
Max
Units
Master Clock Frequency
Duty Cycle
fCLK
dCLK
2.048
40
11.2896
36.864
60
MHz
%
LRCK Frequency
Normal Mode (TDM0= “L”, TDM1= “L”)
Normal Speed Mode
Double Speed Mode
Quad Speed Mode
Duty Cycle
fsn
fsd
fsq
Duty
8
60
120
45
48
96
192
55
kHz
kHz
kHz
%
TDM256 mode (TDM0= “H”, TDM1= “L”)
Normal Speed Mode
High time
Low time
fsn
tLRH
tLRL
32
1/256fs
1/256fs
48
kHz
ns
ns
TDM128 mode (TDM0= “H”, TDM1= “H”)
Normal Speed Mode
Double Speed Mode
High time
Low time
fsn
fsd
tLRH
tLRL
32
60
1/128fs
1/128fs
48
96
kHz
kHz
ns
ns
PCM Audio Interface Timing
BICK Period
BICK Pulse Width Low
Pulse Width High
BICK “
↑” to LRCK Edge
(Note 16)
LRCK Edge to BICK “
↑”
(Note 16)
SDTI Hold Time
SDTI Setup Time
tBCK
tBCKL
tBCKH
tBLR
tLRB
tSDH
tSDS
81
30
30
20
20
10
10
ns
ns
ns
ns
ns
ns
ns
DSD Audio Interface Timing
DCLK Period
DCLK Pulse Width Low
Pulse Width High
DCLK Edge to DSDL/R
(Note 17)
tDCK
tDCKL
tDCKH
tDDD
1/64fs
160
160
-20
20
ns
ns
ns
ns
Control Interface Timing (3-wire Serial mode):
CCLK Period
CCLK Pulse Width Low
Pulse Width High
CDTI Setup Time
CDTI Hold Time
CSN High Time
CSN “
↓” to CCLK “↑”
CCLK “
↑” to CSN “↑”
tCCK
tCCKL
tCCKH
tCDS
tCDH
tCSW
tCSS
tCSH
200
80
80
40
40
150
50
50
ns
ns
ns
ns
ns
ns
ns
ns
Control Interface Timing (I
2C Bus mode):
SCL Clock Frequency
Bus Free Time Between Transmissions
Start Condition Hold Time (prior to first clock pulse)
Clock Low Time
Clock High Time
Setup Time for Repeated Start Condition
SDA Hold Time from SCL Falling
(Note 18)
SDA Setup Time from SCL Rising
Rise Time of Both SDA and SCL Lines
Fall Time of Both SDA and SCL Lines
Setup Time for Stop Condition
Pulse Width of Spike Noise Suppressed by Input Filter
fSCL
tBUF
tHD:STA
tLOW
tHIGH
tSU:STA
tHD:DAT
tSU:DAT
tR
tF
tSU:STO
tSP
-
4.7
4.0
4.7
4.0
4.7
0
0.25
-
-
4.0
0
100
-
-
-
-
-
-
-
1.0
0.3
-
50
kHz
µs
µs
µs
µs
µs
µs
µs
µs
µs
µs
ns


Similar Part No. - AK4358VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4358VQ AKM-AK4358VQ Datasheet
398Kb / 36P
   192kHz 24-Bit 8ch DAC with DSD Input
More results

Similar Description - AK4358VQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1833A AD-AD1833A Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
AD1833 AD-AD1833_15 Datasheet
532Kb / 20P
   Multichannel, 24-Bit, 192 kHz, DAC
REV. A
AD1833A AD-AD1833A_15 Datasheet
697Kb / 20P
   Multichannel, 24-Bit, 192 kHz, DAC
REV. 0
logo
Asahi Kasei Microsystem...
AK4383 AKM-AK4383 Datasheet
280Kb / 25P
   192kHz 24-Bit 2ch DAC with DSD input
AK4357 AKM-AK4357 Datasheet
182Kb / 27P
   192kHz 24-Bit 6ch DAC with DSD Input
logo
Analog Devices
AD1833 AD-AD1833 Datasheet
419Kb / 20P
   Multichannel 24-Bit, 192 kHz, DAC
REV. 0
logo
Asahi Kasei Microsystem...
AK4359 AKM-AK4359 Datasheet
369Kb / 32P
   192 KHZ 24 BIT 8CH DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Asahi Kasei Microsystem...
AK4358 AKM-AK4358_06 Datasheet
398Kb / 36P
   192kHz 24-Bit 8ch DAC with DSD Input
logo
Analog Devices
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com