Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150D127X9006R2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 150D127X9006R2
Description  Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150D127X9006R2 Datasheet(HTML) 2 Page - Vishay Siliconix

  150D127X9006R2 Datasheet HTML 1Page - Vishay Siliconix 150D127X9006R2 Datasheet HTML 2Page - Vishay Siliconix 150D127X9006R2 Datasheet HTML 3Page - Vishay Siliconix 150D127X9006R2 Datasheet HTML 4Page - Vishay Siliconix 150D127X9006R2 Datasheet HTML 5Page - Vishay Siliconix 150D127X9006R2 Datasheet HTML 6Page - Vishay Siliconix 150D127X9006R2 Datasheet HTML 7Page - Vishay Siliconix 150D127X9006R2 Datasheet HTML 8Page - Vishay Siliconix 150D127X9006R2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Document Number: 40015
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 16-Jan-08
19
150D
Solid-Electrolyte TANTALEX® Capacitors
Hermetically-Sealed, Axial-Lead
Vishay Sprague
ORDERING INFORMATION
150D
224
X0
006
A
2
T
E3
MODEL
CAPACITANCE
CAPACITANCE
TOLERANCE
DC
VOLTAGE RATING
CASE
CODE
STYLE
NUMBER
PACKAGING
ROHS
COMPLIANT
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow.
X0 = ± 20 %
X9 = ± 10 %
*X5 = ± 5 %
*Special Order
This is expressed in volts.
To complete the
three-digit block, zeros
precede the voltage
rating.
See
Ratings
and Case
Codes
Table.
0 = No Sleeve
2 = Insulated
sleeve
B = Bulk
T = Tape and
Reel
E3 = 100 % Tin
termination
(RoHS compliant)
Blank = SnPb
termination
STANDARD RATINGS
CAPACITANCE (µF)
CASE CODE
PART NUMBER
CAP. TOL. ± 20 %
PART NUMBER
CAP. TOL. ± 10 %
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz (%)
6 WVDC AT + 85 °C, SURGE = 8 V . . . 4 WVDC AT + 125 °C, SURGE = 5 V
0.22
A
150D224X0006A2
150D224X9006A2
0.5
2
0.27
A
-
150D274X9006A2
0.5
2
0.33
A
150D334X0006A2
150D334X9006A2
0.5
2
0.39
A
-
150D394X9006A2
0.5
2
0.47
A
150D474X0006A2
150D474X9006A2
0.5
2
0.56
A
-
150D564X9006A2
0.5
2
0.68
A
150D684X0006A2
150D684X9006A2
0.5
2
0.82
A
-
150D824X9006A2
0.5
2
1.0
A
150D105X0006A2
150D105X9006A2
0.5
2
1.2
A
-
150D125X9006A2
0.5
4
1.5
A
150D155X0006A2
150D155X9006A2
0.5
4
1.8
A
-
150D185X9006A2
0.5
4
2.2
A
150D225X0006A2
150D225X9006A2
0.5
4
2.7
A
-
150D275X9006A2
0.5
4
3.3
A
150D335X0006A2
150D335X9006A2
0.5
4
3.9
A
-
150D395X9006A2
0.5
4
4.7
A
150D475X0006A2
150D475X9006A2
0.5
4
5.6
A
-
150D565X9006A2
0.5
4
6.8
A
150D685X0006A2
150D685X9006A2
0.5
6
8.2
B
-
150D825X9006B2
0.5
6
10.0
B
150D106X0006B2
150D106X9006B2
0.5
6
12.0
B
-
150D126X9006B2
0.5
6
15.0
B
150D156X0006B2
150D156X9006B2
1.0
6
18.0
B
-
150D186X9006B2
1.0
6
22.0
B
150D226X0006B2
150D226X9006B2
1.0
6
27.0
B
-
150D276X9006B2
1.0
6
33.0
B
150D336X0006B2
150D336X9006B2
1.0
6
39.0
B
-
150D396X9006B2
1.0
6
47.0
B
150D476X0006B2
150D476X9006B2
2.0
6
56.0
B
-
150D566X9006B2
2.0
6
68.0
R
150D686X0006R2
150D686X9006R2
3.0
6
82.0
R
-
150D826X9006R2
3.0
6
100.0
R
150D107X0006R2
150D107X9006R2
3.0
6
120.0
R
150D127X0006R2
150D127X9006R2
3.0
6
150.0
R
150D157X0006R2
150D157X9006R2
6.0
6
180.0
R
150D187X0006R2
150D187X9006R2
6.0
6
220.0
S
150D227X0006S2
150D227X9006S2
6.0
8
270.0
S
150D277X0006S2
150D277X9006S2
6.0
8
330.0
S
150D337X0006S2
150D337X9006S2
10.0
8


Similar Part No. - 150D127X9006R2

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
150D NELLSEMI-150D Datasheet
936Kb / 7P
   Standard Recovery Diodes
More results

Similar Description - 150D127X9006R2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
152D685X9015A2T VISHAY-152D685X9015A2T Datasheet
101Kb / 5P
   Solid-Electrolyte TANTALEX® Capacitors, Extended Capacitance Values, Hermetically-Sealed
Revision: 09-Mar-12
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
173D VISHAY-173D Datasheet
81Kb / 6P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Revision 13-Jun-02
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
logo
Cornell Dubilier Electr...
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com