Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC10838 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10838
Description  10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10838 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC10838 Datasheet HTML 1Page - National Semiconductor (TI) ADC10838 Datasheet HTML 2Page - National Semiconductor (TI) ADC10838 Datasheet HTML 3Page - National Semiconductor (TI) ADC10838 Datasheet HTML 4Page - National Semiconductor (TI) ADC10838 Datasheet HTML 5Page - National Semiconductor (TI) ADC10838 Datasheet HTML 6Page - National Semiconductor (TI) ADC10838 Datasheet HTML 7Page - National Semiconductor (TI) ADC10838 Datasheet HTML 8Page - National Semiconductor (TI) ADC10838 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TLH11391
December 1994
ADC10831 ADC10832 ADC10834 ADC10838
10-Bit Plus Sign Serial IO AD Converters
with MUX SampleHold and Reference
General Description
This series of CMOS 10-bit plus sign successive approxima-
tion AD converters features versatile analog input multi-
plexers samplehold and a 25V band-gap reference The
1 2 4 or 8-channel multiplexers can be software configured
for single-ended or differential mode of operation
An input samplehold is implemented by a capacitive refer-
ence ladder and sampled-data comparator This allows the
analog input to vary during the AD conversion cycle
In the differential mode valid outputs are obtained even
when the negative inputs are greater than the positive be-
cause of the 10-bit plus sign output data format
The serial IO is configured to comply with the NSC
MICROWIRETM serial data exchange standard for easy in-
terface to the COPSTM and HPCTM families of controllers
and can easily interface with standard shift registers and
microprocessors
Applications
Y
Medical instruments
Y
Remote instrumentation
Y
Test equipment
Features
Y
b
5V to a5V analog voltage range with g5V supplies
Y
Serial IO (MICROWIRE compatible)
Y
1 2 4 or 8-channel differential or single-ended
multiplexer
Y
Software or hardware power down
Y
Analog input samplehold function
Y
Ratiometric or Absolute voltage referencing
Y
No zero or full scale adjustment required
Y
No missing codes over temperature
Y
TTLMOS inputoutput compatible
Y
Standard DIP and SO packages
Key Specifications
Y
Resolution
10 bits plus sign
Y
Dual supply
g
5V
Y
Power dissipation
59 mW (Max)
Y
In power down mode
33 mW
Y
Conversion time
5 ms (Max)
Y
Sampling rate
74 kHz (Max)
Y
Band-gap reference
25V g2% (Max)
ADC10838 Simplified Block Diagram
TLH11391 – 1
COPSTM HPCTM and MICROWIRETM are trademarks of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - ADC10838

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC108 MPSIND-ADC108 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S022 TI1-ADC108S022 Datasheet
1Mb / 25P
[Old version datasheet]   ADC108S022 8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC108S022 TI1-ADC108S022 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022CIMT NSC-ADC108S022CIMT Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
More results

Similar Description - ADC10838

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10731 TI1-ADC10731_14 Datasheet
1Mb / 34P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
National Semiconductor ...
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com