Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGC230 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AGC230
Description  20 TO 250 MHz TO-8 GAIN CONTROL AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AGC230 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AGC230 Datasheet HTML 1Page - Teledyne Technologies Incorporated AGC230 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AGC230
10
20
50
100
150
200
250
300
350
Gain vs Frequency vs Control Voltage
KEY: +25
°C
+85
°C
-55
°C
Phase vs Frequency
210
190
170
150
130
110
90
70
50
30
10
20
50
100
150
200
250
300
350
50
40
30
20
10
0
-10
-20
Vc=0
Vc=3
Vc=0
Vc=1
Vc=3
Vc=2
Vc=5
Vc=4
Vc=2
Vc=1
V c=5
FREQUENCY - MHz
FREQUENCY - MHz
10
20
50
100
150
200
250
300
350
7.0
6.0
5.0
4.0
Noise Figure Vcc= +15
FREQUENCY - MHz
Vc=4
Vc=0
10
20
50
100
150
200
250
300
350
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
Power Output at 1 dB Compression
FREQUENCY - MHz
+12v, Vc=0
+15v, Vc=0
-
-
10
0
10
20
VDC CONTROL VOLTAGE
0
1
2
3
4
5
6
-
50
30
10
10
10
20
50
100
150
200
250
300
350
10
20
50
100
150
200
250
300
350
40
30
20
10
0
Intercept Point Vcc= +15, Vc= 1.5
FREQUENCY - MHz
50
40
30
20
10
Intercept Point Vcc= +15, Vc= 0
2nd HAR
IP 3
IP 3
IP 2
IP 2
FREQUENCY - MHz
Power vs. Attenuation vs. Voltage
2nd HAR
0
1
2
3
4
5
6
Gain vs. Control Voltage
VDC CONTROL VOLTAGE
100 MHz
70 MHz
MODEL: AGC230
Vcc = +15V
Icc = 61.00 mA
Vcontrol = 0.0V
FREQ
VSWR
VSWR
GAIN
S21
S21
MHZ
IN
OUT
DB
MAG
ANG
10
1.3
1.1
47.7
243.8
-154.6
20
1.2
1.0
47.6
240.9
-177.9
50
1.1
1.1
47.6
239.7
159.6
100
1.1
1.1
46.9
220.8
134.6
150
1.1
1.1
46.1
200.7
107.3
200
1.1
1.1
45.3
183.3
88.9
250
1.1
1.1
44.1
159.7
69.6
300
1.1
1.1
43.4
148.3
52.8
MODEL: AGC230
Vcc = +15V
Icc = 61.01 mA
Vcontrol = 2.0 V
FREQ
VSWR
VSWR
GAIN
S21
S21
MHZ
IN
OUT
DB
MAG
ANG
10
1.4
1.5
22.8
13.9
-167.9
20
1.3
1.6
21.3
11.6
169.0
50
1.2
1.6
19.8
9.8
153.1
100
1.2
1.6
18.6
8.5
135.9
150
1.3
1.6
17.9
7.9
113.4
200
1.3
1.6
17.3
7.4
98.9
250
1.3
1.6
16.3
6.5
81.6
300
1.2
1.6
15.7
6.1
67.0
MODEL: AGC230
Vcc = +15V
Icc = 61.02 mA
Vcontrol = 5.0 V
FREQ
VSWR
VSWR
GAIN
S21
S21
MHZ
IN
OUT
DB
MAG
ANG
10
1.8
1.7
-3.8
0.6
-167.1
20
1.7
1.7
-5.1
0.6
168.8
50
1.8
1.7
-7.8
0.4
164.8
100
1.7
1.7
-8.2
0.4
165.9
150
1.8
1.7
-7.8
0.4
146.5
200
1.9
1.7
-7.4
0.4
149.0
250
1.7
1.7
-7.0
0.4
139.8
300
1.8
1.7
-6.6
0.5
135.9


Similar Part No. - AGC230

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
AGC EATON-AGC Datasheet
492Kb / 2P
   1/4??x 1 1????Fast-acting glass tube fuses
logo
Cooper Bussmann, Inc.
AGC-1 COOPER-AGC-1 Datasheet
183Kb / 3P
   AGC Series, Fast Acting, Glass Tube
AGC-1 COOPER-AGC-1 Datasheet
164Kb / 2P
   AGC Series, Fast Acting, Glass Tube
AGC-1 COOPER-AGC-1 Datasheet
2Mb / 5P
   Consumer Aftermarket Product Catalog
AGC-1-1/2 COOPER-AGC-1-1/2 Datasheet
183Kb / 3P
   AGC Series, Fast Acting, Glass Tube
More results

Similar Description - AGC230

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AGC525 TELEDYNE-AGC525 Datasheet
173Kb / 2P
   10 TO 500 MHz TO-8 GAIN CONTROL AMPLIFIER
AGC1025 TELEDYNE-AGC1025 Datasheet
95Kb / 1P
   10 TO 1000 MHz TO-8 GAIN CONTROL AMPLIFIER
AGS2520 TELEDYNE-AGS2520 Datasheet
188Kb / 2P
   700 TO 2500 MHz SMTO-8 GAIN CONTROL AMPLIFIER
AGS555 TELEDYNE-AGS555 Datasheet
101Kb / 1P
   10 TO 500 MHz SMTO-8 GAIN CONTROL AMPLIFIER
logo
Tyco Electronics
A82-1 MACOM-A82-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
A83-1 MACOM-A83-1_1 Datasheet
377Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A82-1 MA-COM-A82-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A70-3 MACOM-A70-3 Datasheet
107Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A82 MA-COM-A82_15 Datasheet
646Kb / 3P
   Cascadable Amplifier 20 to 250 MHz
logo
Tyco Electronics
A82 MACOM-A82_1 Datasheet
382Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com