Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C320C224K5R5TA Datasheet(PDF) 1 Page - Kemet Corporation

Part # C320C224K5R5TA
Description  Ceramic, Commercial Grade, GoldMax, 0.22 uF, 10%, 50 V, X7R, Lead Spacing = 2.54mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C320C224K5R5TA Datasheet(HTML) 1 Page - Kemet Corporation

  C320C224K5R5TA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 3e5a639c-1254-4253-8fe1-17d3949408fc
KEMET Part Number: C320C224K5R5TA
Ceramic, Commercial Grade, GoldMax, 0.22 uF, 10%, 50 V, X7R, Lead Spacing = 2.54mm
Dimensions
L
5.08mm MAX
H
5.84mm MAX
T
3.18mm MAX
S
2.54mm NOM
LL
7mm MIN
F
0.51mm NOM
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 500
General Information
Style: Radial
Series: GoldMax
Description: GoldMax, Commercial Standard
RoHS: Yes
Termination: Tin
Failure Rate: N/A
Specifications
Capacitance: 0.22 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 4.55 GOhms
Dielectric Strength: 125 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C320C224K5R5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C224M5U5TA KEMET-C320C224M5U5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm Z5U, Ceramic, 0.22 uF, 20%, 50 V, Z5U, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C320C224M5U5TA7303 KEMET-C320C224M5U5TA7303 Datasheet
56Kb / 1P
   Ceramic, GoldMax, 0.22 uF, 20%, 50 V, Z5U, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
More results

Similar Description - C320C224K5R5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C322C224K5R5TA KEMET-C322C224K5R5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.22 uF, 10%, 50 V, X7R, Lead Spacing = 5.08mm
C330C224K5R5TA KEMET-C330C224K5R5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 0.22 uF, 10%, 50 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C330C224K1R5TA KEMET-C330C224K1R5TA_17 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.22 uF, 10%, 100 V, X7R, Lead Spacing = 5.08mm
C320C104K5R5TA KEMET-C320C104K5R5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.1 uF, 10%, 50 V, X7R, Lead Spacing = 2.54mm
C315C104K5R5TA7303 KEMET-C315C104K5R5TA7303 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.1 uF, 10%, 50 V, X7R, Lead Spacing = 2.54mm
C320C473K5R5TA KEMET-C320C473K5R5TA Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.047 uF, 10%, 50 V, X7R, Lead Spacing = 2.54mm
C320C683K5R5TA7303 KEMET-C320C683K5R5TA7303 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.068 uF, 10%, 50 V, X7R, Lead Spacing = 2.54mm
C315C153K5R5TA7303 KEMET-C315C153K5R5TA7303 Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.015 uF, 10%, 50 V, X7R, Lead Spacing = 2.54mm
C320C154K5R5TA KEMET-C320C154K5R5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.15 uF, 10%, 50 V, X7R, Lead Spacing = 2.54mm
C315C103K5R5TA KEMET-C315C103K5R5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.01 uF, 10%, 50 V, X7R, Lead Spacing = 2.54mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com