Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VA100048A580DL Datasheet(PDF) 1 Page - AVX Corporation

Part # VA100048A580DL
Description  AVX Axial Multilayer Ceramic Transient Voltage Suppressors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VA100048A580DL Datasheet(HTML) 1 Page - AVX Corporation

  VA100048A580DL Datasheet HTML 1Page - AVX Corporation VA100048A580DL Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
78
Axial TransGuard
® and StaticGuard
AVX Axial Multilayer Ceramic Transient Voltage Suppressors
GENERAL DESCRIPTION
Axial TransGuard
® multilayer varistors are zinc oxide (ZnO) based ceramic
semiconductor devices with non-linear voltage-current characteristics (bi-directional)
similar to back-to-back zener diodes. They have the added advantage of greater
current and energy handling capabilities as well as EMI/RFI attenuation.
Axial StaticGuard is low capacitance version of the TransGuard and are designed for
general ESD protection of CMOS, Bi-Polar, and SiGe based systems.
AVX Axial varistors are designed for applications where leaded component is
prefered and for durability in harsh environment.
VA
Varistor
Axial
HOW TO ORDER - AXIAL TRANSGUARD®
1000
Case
Size
1000
2000
18
Voltage
03 = 3.3Vdc
05 = 5.6Vdc
14 = 14Vdc
18 = 18Vdc
26 = 26Vdc
30 = 30Vdc
48 = 48Vdc
60 = 60Vdc
D
Energy
Rating
A = 0.1J
D = 0.4J
K = 0.6J
400
Clamping
Voltage
100 = 12V
150 = 18V
300 = 32V
400 = 42V
580 = 60V
650 = 67V
101 = 100V
121 = 120V
R
Packaging
D = 7" reel
R = 7" reel
T = 13" reel
L
Termination
L = Ni/Sn plated
FEATURES
• Axial leaded, epoxy encapsulated
• Fast Response
• EMI/RFI filtering in the off-state
• Multiple strikes capability
APPLICATIONS
• White Goods
• Industrial Equipment
• Sensors
• Relays
• DC Motors
• and more
GENERAL CHARACTERISTICS
• Operating Temperatures: -55ºC to +125ºC
• Working Voltage: 3.3 - 60Vdc
• Case Size: Axial
• Energy: 0.1 - 2.0J
• Peak Current: 30 - 300A
Packaging (Pcs/Reel:
STYLE
D
R
T
VA1000
1,000
3,000
7,500
VA2000
1,000
2,500
5,000
VA
Varistor
Axial
HOW TO ORDER - AXIAL STATICGUARD
10
Case
Size
10 = 1000
LC
Low
Capacitance
18
Voltage
18 = 18Vdc
A
Energy
Rating
A = 0.1J
500
Clamping
Voltage
500 = 50V
R
Packaging
D = 7" reel
R = 7" reel
T = 13" reel
L
Termination
L = Ni/Sn plated


Similar Part No. - VA100048A580DL

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VA100048D101 AVX-VA100048D101 Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VA100048D101 AVX-VA100048D101 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VA100048D101 AVX-VA100048D101 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VA100048D101 AVX-VA100048D101 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VA100048D101 AVX-VA100048D101 Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VA100048A580DL

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080518C400DP AVX-VC080518C400DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120614D300DP AVX-VC120614D300DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com