Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8618AR Datasheet(PDF) 9 Page - Analog Devices

Part # AD8618AR
Description  Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8618AR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8618AR Datasheet HTML 5Page - Analog Devices AD8618AR Datasheet HTML 6Page - Analog Devices AD8618AR Datasheet HTML 7Page - Analog Devices AD8618AR Datasheet HTML 8Page - Analog Devices AD8618AR Datasheet HTML 9Page - Analog Devices AD8618AR Datasheet HTML 10Page - Analog Devices AD8618AR Datasheet HTML 11Page - Analog Devices AD8618AR Datasheet HTML 12Page - Analog Devices AD8618AR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8616/AD8618
Rev. A | Page 9 of 16
0.0001
0.01
0.001
0.1
FREQUENCY (Hz)
20
100
1k
20k
VS = ±2.5V
VIN = 0.5V rms
AV = 1
BW = 22kHz
RL = 100kΩ
Figure 23. THD + N
VS = ±2.5V
VIN = 2V p-p
AV = 10
TIME (200ns/DIV)
Figure 24. Settling Time
TIME (1s/DIV)
VS = 2.7V
Figure 25. 0.1 Hz to 10 Hz Input Voltage Noise
0
200
400
600
800
1000
1200
1400
–700
–500
–300
–100
100
300
500
700
OFFSET VOLTAGE (
µV)
VS = 2.7V
TA = 25°C
VCM = 0V TO 2.7V
Figure 26. Input Offset Voltage Distribution
–400
–500
–300
–200
–100
0
100
200
300
400
500
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
COMMON-MODE VOLTAGE (V)
VS = 2.7V
TA =25°C
Figure 27. Input Offset Voltage vs. Common-Mode Voltage
(200 Units, Five Wafer Lots Including Process Skews)
–400
–500
–300
–200
–100
0
100
200
300
400
500
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
COMMON-MODE VOLTAGE (V)
VS = 3.5V
TA =25°C
Figure 28. Input Offset Voltage vs. Common-Mode Voltage
(200 Units, Five Wafer Lots Including Process Skews)


Similar Part No. - AD8618AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8618AR AD-AD8618AR Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8618AR AD-AD8618AR Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8618AR AD-AD8618AR Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8618AR-REEL AD-AD8618AR-REEL Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8618AR-REEL AD-AD8618AR-REEL Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
More results

Similar Description - AD8618AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com