Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5170BRM100 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5170BRM100
Description  256-Position Two-Time Programmable I2C Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5170BRM100 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5170BRM100 Datasheet HTML 4Page - Analog Devices AD5170BRM100 Datasheet HTML 5Page - Analog Devices AD5170BRM100 Datasheet HTML 6Page - Analog Devices AD5170BRM100 Datasheet HTML 7Page - Analog Devices AD5170BRM100 Datasheet HTML 8Page - Analog Devices AD5170BRM100 Datasheet HTML 9Page - Analog Devices AD5170BRM100 Datasheet HTML 10Page - Analog Devices AD5170BRM100 Datasheet HTML 11Page - Analog Devices AD5170BRM100 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5170
Rev. A | Page 8 of 24
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
RAB = 10kΩ
VDD = 2.7V
TA = –40°C, +25°C, +85°C, +125°C
VDD = 5.5V
TA = –40°C, +25°C, +85°C, +125°C
Figure 8. R-INL vs. Code vs. Temperature
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
VDD = 2.7V, 5.5V; TA = –40°C, +25°C, +85°C, +125°C
RAB = 10kΩ
Figure 9. R-DNL vs. Code vs. Temperature
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
TEMPERATURE (°C)
–40
–25
–10
5
20
35
50
65
80
95
110
125
VDD = 5.5V, VA = 5.0V
RAB = 10kΩ
VDD = 2.7V, VA = 2.7V
Figure 10. Full-Scale Error vs. Temperature
0
0.75
1.50
2.25
3.00
3.75
4.50
TEMPERATURE (°C)
–40
–25
–10
5
20
35
50
65
80
95
110
125
VDD = 5.5V, VA = 5.0V
RAB = 10kΩ
VDD = 2.7V, VA = 2.7V
Figure 11. Zero-Scale Error vs. Temperature
0.1
1
10
–40
–7
26
59
92
125
TEMPERATURE (°C)
VDD = 5V
VDD = 3V
Figure 12. Supply Current vs. Temperature
–20
0
20
40
60
80
100
120
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
RAB = 10kΩ
VDD = 2.7V
TA = –40°C TO +85°C, –40°C TO +125°C
VDD = 5.5V
TA = –40°C TO +85°C, –40°C TO +125°C
Figure 13. Rheostat Mode Tempco ∆RWB/∆T vs. Code


Similar Part No. - AD5170BRM100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD517 AD-AD517 Datasheet
312Kb / 6P
   Low Cost, Laser Trimmed, Precision IC Op Amp
REV. A
AD5171 AD-AD5171 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5171 AD-AD5171 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5171BRJ10-R2 AD-AD5171BRJ10-R2 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5171BRJ10-R2 AD-AD5171BRJ10-R2 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
More results

Similar Description - AD5170BRM100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5173BRMZ2.5 AD-AD5173BRMZ2.5 Datasheet
864Kb / 24P
   256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5172 AD-AD5172 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com