Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3218IGV-1.9-T1 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AAT3218IGV-1.9-T1
Description  150mA MicroPower??High Performance LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AAT3218IGV-1.9-T1 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AAT3218IGV-1.9-T1 Datasheet HTML 6Page - List of Unclassifed Manufacturers AAT3218IGV-1.9-T1 Datasheet HTML 7Page - List of Unclassifed Manufacturers AAT3218IGV-1.9-T1 Datasheet HTML 8Page - List of Unclassifed Manufacturers AAT3218IGV-1.9-T1 Datasheet HTML 9Page - List of Unclassifed Manufacturers AAT3218IGV-1.9-T1 Datasheet HTML 10Page - List of Unclassifed Manufacturers AAT3218IGV-1.9-T1 Datasheet HTML 11Page - List of Unclassifed Manufacturers AAT3218IGV-1.9-T1 Datasheet HTML 12Page - List of Unclassifed Manufacturers AAT3218IGV-1.9-T1 Datasheet HTML 13Page - List of Unclassifed Manufacturers AAT3218IGV-1.9-T1 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AAT3218
150mA MicroPower™ High Performance LDO
10
3218.2004.02.1.0
Applications Information
Equivalent Series Resistance (ESR): ESR is a very
important characteristic to consider when selecting a
capacitor. ESR is the internal series resistance asso-
ciated with a capacitor, which includes lead resist-
ance, internal connections, size and area, material
composition and ambient temperature.
Typically
capacitor ESR is measured in milliohms for ceramic
capacitors and can range to more than several ohms
for tantalum or aluminum electrolytic capacitors.
Ceramic Capacitor Materials: Ceramic capacitors
less than 0.1µF are typically made from NPO or
COG materials. NPO and COG materials are typi-
cally tight tolerance very stable over temperature.
Larger capacitor values are typically composed of
X7R, X5R, Z5U and Y5V dielectric materials. Large
ceramic capacitors, typically greater then 2.2µF are
often available in the low cost Y5V and Z5U
dielectrics. These two material types are not rec-
ommended for use with LDO regulators since the
capacitor tolerance can vary more than ±50% over
the operating temperature range of the device. A
2.2µF Y5V capacitor could be reduced to 1µF over
temperature, this could cause problems for circuit
operation. X7R and X5R dielectrics are much more
desirable.
The temperature tolerance of X7R
dielectric is better than ±15%.
Capacitor area is another contributor to ESR.
Capacitors which are physically large in size will have
a lower ESR when compared to a smaller sized
capacitor of an equivalent material and capacitance
value. These larger devices can improve circuit tran-
sient response when compared to an equal value
capacitor in a smaller package size.
Consult capacitor vendor data sheets carefully
when selecting capacitors for LDO regulators.
Enable Function
The AAT3218 features an LDO regulator enable/
disable function. This pin (EN) is active high and is
compatible with CMOS logic. To assure the LDO
regulator will switch on, the EN turn on control level
must be greater than 1.5 volts. The LDO regulator
will go into the disable shutdown mode when the
voltage on the EN pin falls below 0.6 volts. If the
enable function is not needed in a specific applica-
tion, it may be tied to VIN to keep the LDO regula-
tor in a continuously on state.
When the LDO regulator is in the shutdown mode,
an internal 1.5k
Ω resistor is connected between
VOUT and GND. This is intended to discharge COUT
when the LDO regulator is disabled. The internal
1.5k
Ω has no adverse effect on device turn on time.
Short Circuit Protection
The AAT3218 contains an internal short circuit pro-
tection circuit that will trigger when the output load
current exceeds the internal threshold limit. Under
short circuit conditions the output of the LDO regu-
lator will be current limited until the short circuit
condition is removed from the output or LDO regu-
lator package power dissipation exceeds the
device thermal limit.
Thermal Protection
The AAT3218 has an internal thermal protection cir-
cuit which will turn on when the device die temper-
ature exceeds 150°C. The internal thermal protec-
tion circuit will actively turn off the LDO regulator
output pass device to prevent the possibility of over
temperature damage. The LDO regulator output
will remain in a shutdown state until the internal die
temperature falls back below the 150°C trip point.
The combination and interaction between the short
circuit and thermal protection systems allow the
LDO regulator to withstand indefinite short circuit
conditions without sustaining permanent damage.
No-Load Stability
The AAT3218 is designed to maintain output volt-
age regulation and stability under operational no-
load conditions. This is an important characteristic
for applications where the output current may drop
to zero.
Reverse Output to Input Voltage
Conditions and Protection
Under normal operating conditions a parasitic
diode exists between the output and input of the
LDO regulator. The input voltage should always
remain greater then the output load voltage main-
taining a reverse bias on the internal parasitic
diode.
Conditions where VOUT might exceed VIN
should be avoided since this would forward bias
the internal parasitic diode and allow excessive
current flow into the VOUT pin possibly damaging
the LDO regulator.


Similar Part No. - AAT3218IGV-1.9-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3218IGV-1.9-T1 ANALOGICTECH-AAT3218IGV-1.9-T1 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
More results

Similar Description - AAT3218IGV-1.9-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
   Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
   Micropower 150mA Low-Noise LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com