Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC0100CRNPO4BN121 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # CC0100CRNPO4BN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0100CRNPO4BN121 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button CC0100CRNPO4BN121 Datasheet HTML 3Page - YAGEO Corporation CC0100CRNPO4BN121 Datasheet HTML 4Page - YAGEO Corporation CC0100CRNPO4BN121 Datasheet HTML 5Page - YAGEO Corporation CC0100CRNPO4BN121 Datasheet HTML 6Page - YAGEO Corporation CC0100CRNPO4BN121 Datasheet HTML 7Page - YAGEO Corporation CC0100CRNPO4BN121 Datasheet HTML 8Page - YAGEO Corporation CC0100CRNPO4BN121 Datasheet HTML 9Page - YAGEO Corporation CC0100CRNPO4BN121 Datasheet HTML 10Page - YAGEO Corporation CC0100CRNPO4BN121 Datasheet HTML 11Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.yageo.com
Jan. 18, 2017 V.9
Surface-Mount Ceramic Multilayer Capacitors
9
11
Product specification
01005
NP0/X5RX7R
6.3V to 16V
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Damp Heat
with
Ur load
4.13
1.
Preconditioning, class 2 only:
150 +0/-10 °C /1 hour, then keep for
24 ± 1 hour at room temp
2.
Initial measure:
Spec: refer initial spec C, D, IR
3.
Damp heat test:
500 ± 12 hours at 40 ±2 °C;
90 to 95% R.H; 1.0 Ur applied.
4.
Recovery:
Class 1: 6 to 24 hours
Class 2: 24 ± 2 hours
5.
Final measure: C, D, IR
P.S. If the capacitance value is less than the
minimum value permitted, then after the other
measurements have been made the capacitor shall
be precondition according to “IEC 60384 4.1” and
then the requirement shall be met.
No visual damage after recovery
Class 1 (NP0):
∆C/C
within ± 7.5% or 0.75 pF, whichever is greater
D.F.
≤ 2 x specified value
I.R.
≥ 2,500 MΩ or Rins x Cr ≥ 25Ω·F whichever
is less
Class2 (X5R/X7R):
C ≤ 1nF
∆C/C
± 15%
D.F.
≤ 10%
I.R.
≥ 500 MΩ
10nF ≥ C > 1nF
∆C/C
± 20%
D.F.
≤ 10%
I.R.
≥ 500 MΩ
C > 10nF
∆C/C
± 25%
D.F.
≤ 20%
I.R.
Rins x Cr ≥ 5Ω·F


Similar Part No. - CC0100CRNPO4BN121

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC01005 TDK-CC01005 Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - CC0100CRNPO4BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com