Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150D185X9006A2 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 150D185X9006A2
Description  Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150D185X9006A2 Datasheet(HTML) 7 Page - Vishay Siliconix

  150D185X9006A2 Datasheet HTML 1Page - Vishay Siliconix 150D185X9006A2 Datasheet HTML 2Page - Vishay Siliconix 150D185X9006A2 Datasheet HTML 3Page - Vishay Siliconix 150D185X9006A2 Datasheet HTML 4Page - Vishay Siliconix 150D185X9006A2 Datasheet HTML 5Page - Vishay Siliconix 150D185X9006A2 Datasheet HTML 6Page - Vishay Siliconix 150D185X9006A2 Datasheet HTML 7Page - Vishay Siliconix 150D185X9006A2 Datasheet HTML 8Page - Vishay Siliconix 150D185X9006A2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
150D
Vishay Sprague
Solid-Electrolyte TANTALEX® Capacitors
Hermetically-Sealed, Axial-Lead
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40015
24
Revision: 16-Jan-08
STANDARD RATINGS
CAPACITANCE (µF)
CASE CODE
PART NUMBER (1)
CAP. TOL. ± 20 %
PART NUMBER (1)
CAP. TOL. ± 10 %
Max. DCL
AT + 25 °C
(µA)
Max. DF
AT + 25 °C
120 Hz (%)
75 WVDC AT + 85 °C, SURGE = 98 V . . . 50 WVDC AT + 125 °C, SURGE = 64 V
0.033
A
150D333X0075A2
150D333X9075A2
0.5
2
0.039
A
-
150D393X9075A2
0.5
2
0.047
A
150D473X0075A2
150D473X9075A2
0.5
2
0.056
A
-
150D563X9075A2
0.5
2
0.068
A
150D683X0075A2
150D683X9075A2
0.5
2
0.082
A
-
150D823X9075A2
0.5
2
0.10
A
150D104X0075A2
150D104X9075A2
0.5
2
0.12
A
-
150D124X9075A2
0.5
2
0.15
A
150D154X0075A2
150D154X9075A2
0.5
2
0.18
A
-
150D184X9075A2
0.5
2
0.22
A
150D224X0075A2
150D224X9075A2
0.5
2
0.27
A
-
150D274X9075A2
0.5
2
0.33
A
150D334X0075A2
150D334X9075A2
0.5
2
0.39
A
-
150D394X9075A2
0.5
2
0.47
A
150D474X0075A2
150D474X9075A2
0.5
2
0.56
A
-
150D564X9075A2
0.5
2
0.68
A
150D684X0075A2
150D684X9075A2
0.5
2
0.82
B
-
150D824X9075B2
0.5
2
1.0
B
150D105X0075B2
150D105X9075B2
0.5
2
1.2
B
-
150D125X9075B2
0.5
4
1.5
B
150D155X0075B2
150D155X9075B2
1.0
4
1.8
B
-
150D185X9075B2
1.0
4
2.2
B
150D225X0075B2
150D225X9075B2
1.0
4
2.7
B
-
150D275X9075B2
1.0
4
3.3
B
150D335X0075B2
150D335X9075B2
2.0
4
3.9
B
-
150D395X9075B2
2.0
4
4.7
R
150D475X0075R2
150D475X9075R2
4.0
4
5.6
R
-
150D565X9075R2
4.0
4
6.8
R
150D685X0075R2
150D685X9075R2
6.0
4
8.2
R
-
150D825X9075R2
6.0
4
10.0
R
150D106X0075R2
150D106X9075R2
8.0
4
12.0
S
-
150D126X9075S2
10.0
4
15.0
S
150D156X0075S2
150D156X9075S2
12.0
4
100 WVDC AT + 85 °C, SURGE = 130 V . . . 67 WVDC AT + 125 °C, SURGE = 86 V
0.033
A
150D333X0100A2
150D333X9100A2
0.5
2
0.039
A
-
150D393X9100A2
0.5
2
0.047
A
150D473X0100A2
150D473X9100A2
0.5
2
0.056
A
-
150D563X9100A2
0.5
2
0.068
A
150D683X0100A2
150D683X9100A2
0.5
2
0.082
A
-
150D823X9100A2
0.5
2
0.10
A
150D104X0100A2
150D104X9100A2
0.5
2
0.12
A
-
150D124X9100A2
0.5
2
0.15
A
150D154X0100A2
150D154X9100A2
0.5
2
0.18
A
-
150D184X9100A2
0.5
2
0.22
A
150D224X0100A2
150D224X9100A2
0.5
2
0.27
A
-
150D274X9100A2
0.5
2
0.33
A
150D334X0100A2
150D334X9100A2
0.5
2
0.39
A
-
150D394X9100A2
0.5
2
0.47
A
150D474X0100A2
150D474X9100A2
0.5
2
0.56
A
-
150D564X9100A2
0.5
2
0.68
B
150D684X0100B2
150D684X9100B2
0.5
2
0.82
B
-
150D824X9100B2
0.5
2
Note:
(1) Insert capacitance tolerance code “X5” for ± 5 % units (special order)


Similar Part No. - 150D185X9006A2

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
150D NELLSEMI-150D Datasheet
936Kb / 7P
   Standard Recovery Diodes
More results

Similar Description - 150D185X9006A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
152D685X9015A2T VISHAY-152D685X9015A2T Datasheet
101Kb / 5P
   Solid-Electrolyte TANTALEX® Capacitors, Extended Capacitance Values, Hermetically-Sealed
Revision: 09-Mar-12
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
173D VISHAY-173D Datasheet
81Kb / 6P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Revision 13-Jun-02
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
logo
Cornell Dubilier Electr...
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com