Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

303UR250P2 Datasheet(PDF) 1 Page - International Rectifier

Part # 303UR250P2
Description  STANDARD RECOVERY DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

303UR250P2 Datasheet(HTML) 1 Page - International Rectifier

  303UR250P2 Datasheet HTML 1Page - International Rectifier 303UR250P2 Datasheet HTML 2Page - International Rectifier 303UR250P2 Datasheet HTML 3Page - International Rectifier 303UR250P2 Datasheet HTML 4Page - International Rectifier 303UR250P2 Datasheet HTML 5Page - International Rectifier 303UR250P2 Datasheet HTML 6Page - International Rectifier 303UR250P2 Datasheet HTML 7Page - International Rectifier 303UR250P2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
301U(R)
80 to 200
250
Features
Wide current range
High voltage ratings up to 2500V
High surge current capabilities
Stud cathode and stud anode version
Typical Applications
Converters
Power supplies
Machine tool controls
High power drives
Medium traction applications
Parameters
Units
I
F(AV)
330
300
A
@ T
C
120
120
°C
I
F(RMS)
520
470
A
I
FSM
@ 50Hz
8250
6050
A
@ 60Hz
8640
6335
A
I2t@ 50Hz
340
183
KA2s
@ 60Hz
311
167
KA2s
V
RRM
range
800 to 2000
2500
V
T
J
- 40 to 180
- 40 to 180
°C
Major Ratings and Characteristics
case style
DO-205AB (DO-9)
301U(R) SERIES
STANDARD RECOVERY DIODES
Stud Version
300A
Bulletin I2032/A
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - 303UR250P2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
303URA160 IRF-303URA160 Datasheet
139Kb / 9P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
303URA160 VISHAY-303URA160 Datasheet
175Kb / 8P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
logo
International Rectifier
303URA200 IRF-303URA200 Datasheet
139Kb / 9P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
303URA200 VISHAY-303URA200 Datasheet
175Kb / 8P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
logo
International Rectifier
303URA250 IRF-303URA250 Datasheet
139Kb / 9P
   STANDARD RECOVERY DIODES
More results

Similar Description - 303UR250P2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com