Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8255 Datasheet(PDF) 5 Page - Altera Corporation

Part # A8255
Description  PROGRAMMABLE PERIPHERAL INTERFACE ADAPTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

A8255 Datasheet(HTML) 5 Page - Altera Corporation

  A8255 Datasheet HTML 1Page - Altera Corporation A8255 Datasheet HTML 2Page - Altera Corporation A8255 Datasheet HTML 3Page - Altera Corporation A8255 Datasheet HTML 4Page - Altera Corporation A8255 Datasheet HTML 5Page - Altera Corporation A8255 Datasheet HTML 6Page - Altera Corporation A8255 Datasheet HTML 7Page - Altera Corporation A8255 Datasheet HTML 8Page - Altera Corporation A8255 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Altera Corporation
49
a8255 Programmable Peripheral Interface Adapter Data Sheet
Note:
(1)
The X indicates “don’t care.”
Notes:
(1)
For example, to reset bit 3 of port C, bit 7 is reset to indicate that the write is in the
port C bit set/reset format. Bits 6 through 4 are “don’t care.” Bits 3 through 1 are
011 to address bit 3, and bit 0 is 0 to indicate a reset operation. The complete data
word is 0XXX0110.
(2)
The X indicates “don’t care.”
Table 3. Control Register Mode Definition Format
Bit
Description
0
Port C (lower) I/O direction:
1 = input
0 = output
1
Port B I/O direction:
1 = input
0 = output
2
Group B mode select:
1 = mode 1
0 = mode 0
3
Port C (upper) I/O direction:
1 = input
0 = output
4
Port A I/O direction:
1 = input
0 = output
6..5
Group A mode select:
00 = mode 0
01 = mode 1
1X = mode 2,
Note (1)
7
1 when writing = mode definition format
Always 1 when reading the control register
Table 4. Port C Bit Set/Reset Format
Note (1)
Bit
Description
0
Bit set/reset:
1 = set
0 = reset
3..1
Bit select address
6..4
XXX,
Note (2)
7
0 when writing = port C bit set/reset format


Similar Part No. - A8255

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
A8251 ALTERA-A8251 Datasheet
330Kb / 21P
   Programmable Communications Interface
A8259 ALTERA-A8259 Datasheet
220Kb / 24P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
MicroPower Direct, LLC
A825ERW MPD-A825ERW Datasheet
196Kb / 2P
   Low Cost, 8W DIP Wide Input Range DC/DC Converters
More results

Similar Description - A8255

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA8255 INNOVASIC-IA8255 Datasheet
49Kb / 4P
   Programmable Peripheral Interface Adapter
logo
List of Unclassifed Man...
EF6821 ETC-EF6821 Datasheet
603Kb / 12P
   PERIPHERAL INTERFACE ADAPTER
logo
Motorola, Inc
MC6821 MOTOROLA-MC6821 Datasheet
1Mb / 10P
   PERIPHERAL INTERFACE ADAPTER
logo
National Semiconductor ...
INS8255N NSC-INS8255N Datasheet
255Kb / 12P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
Toshiba Semiconductor
TMP8255A TOSHIBA-TMP8255A Datasheet
685Kb / 19P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
NEC
UPD8255A NEC-UPD8255A Datasheet
363Kb / 9P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
National Semiconductor ...
1NS8255 NSC-1NS8255 Datasheet
258Kb / 12P
   Programmable Peripheral Interface
logo
Digital Core Design
D8255 DCD-D8255 Datasheet
125Kb / 4P
   Programmable Peripheral Interface
logo
Mitsubishi Electric Sem...
M5L8255AP-5 MITSUBISHI-M5L8255AP-5 Datasheet
1Mb / 18P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
California Micro Device...
G65SC21 CALMIRCO-G65SC21 Datasheet
605Kb / 10P
   CMOS Peripheral Interface Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com