Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBTA05 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMBTA05
Description  NPN General Purpose Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMBTA05 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  MMBTA05 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMBTA05 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMBTA05 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited MMBTA05 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited MMBTA05 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Production specification
NPN General Purpose Transistor
MMBTA05/MMBTA06
C119
www.gmicroelec.com
Rev.B
1
FEATURES
High breakdown voltage.
Complementary PNP type available
(MMBTA55/MMBTA56).
Low collector-emitter saturation voltage.
APPLICATIONS
Ideal for medium power amplification and switching.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
MMBTA05
1H
SOT-23
MMBTA06
1GM
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
UNIT
VCBO
collector-base voltage
MMBTA05
MMBTA06
60
80
V
VCEO
collector-emitter voltage
MMBTA05
MMBTA06
60
80
V
VEBO
emitter-base voltage
4
V
IC
collector current (DC)
0.5
A
PC
Collector dissipation
350
mW
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W
Tj ,Tstg
junction and storage temperature
-55 to +150
°C
Pb
Lead-free


Similar Part No. - MMBTA05

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA05 TRSYS-MMBTA05 Datasheet
139Kb / 1P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Guangdong Youtai Semico...
MMBTA05 UMW-MMBTA05 Datasheet
832Kb / 3P
   SOT-23 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMBTA05 MCC-MMBTA05 Datasheet
503Kb / 4P
   NPN Small Signal General Purpose Amplifier Transistors
logo
GUANGDONG HOTTECH INDUS...
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
logo
Samsung semiconductor
MMBTA05 SAMSUNG-MMBTA05 Datasheet
26Kb / 1P
   NPN (DRIVER TRANSISTOR)
More results

Similar Description - MMBTA05

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com