Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150D125X9006A2 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 150D125X9006A2
Description  Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150D125X9006A2 Datasheet(HTML) 9 Page - Vishay Siliconix

  150D125X9006A2 Datasheet HTML 1Page - Vishay Siliconix 150D125X9006A2 Datasheet HTML 2Page - Vishay Siliconix 150D125X9006A2 Datasheet HTML 3Page - Vishay Siliconix 150D125X9006A2 Datasheet HTML 4Page - Vishay Siliconix 150D125X9006A2 Datasheet HTML 5Page - Vishay Siliconix 150D125X9006A2 Datasheet HTML 6Page - Vishay Siliconix 150D125X9006A2 Datasheet HTML 7Page - Vishay Siliconix 150D125X9006A2 Datasheet HTML 8Page - Vishay Siliconix 150D125X9006A2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
150D
Vishay Sprague
Solid-Electrolyte TANTALEX® Capacitors
Hermetically-Sealed, Axial-Lead
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40015
26
Revision: 16-Jan-08
STANDARD REEL PACKAGING INFORMATION
1.
Component Leads:
a. Component leads shall not be bent beyond 0.047"
[1.19 mm] maximum from their nominal position when
measured from the leading edge of the component lead
at the inside tape edge and at the lead egress from the
component.
b. The “C” dimension shall be governed by the overall
length of the reel packaged component. The distance
between flanges shall be 0.125" to 0.250" [3.18 mm to
6.35 mm] greater than the overall component length.
2. Orientation:
All polarized components must be oriented to one
direction. The cathode lead tape shall be a color and the
anode lead tape shall be white.
3. Reeling:
a. Components on any reel shall not represent more than
two date codes when date code identification is required.
b. Component leads shall be positioned between pairs of
0.250" [6.35 mm] tape.
c. The disposable reels have hubs and corrugated
fibreboard flanges and core or equivalent.
d. A minimum of 12.0" [304.8 mm] leader of tape shall be
provided before the first and after the last component on
the reel.
e. 50 or 60 lb. Kraft paper must be wound between layer of
components as far
as necessary for component
protection. Width of paper to be 0.062" to 0.250"
[1.57 mm to 6.35 mm] less than the “C” dimension
of the reel. Solid-Electrolyte TANTALEX® Capacitors
Hermetically- Sealed, Axial-Lead.
f.
A row of components must be centered between tapes
± 0.047" [1.19 mm]. In addition, individual components
may deviate from center of component row ± 0.031"
[0.79 mm].
g. Staples shall not be used for splicing. Not more than
4 layers of tape shall be used in any splice area and no
tape shall be offset from another by more than 0.031"
[0.79 mm] non-cumulative. Tape splices shall overlap at
least 6.0" [152.4 mm] for butt joints and at least 3.0"
[76.2 mm] for lap joints and shall not be weaker than
unspliced tape. Universal splicing clips may also be used.
h. Quantity per reel shall be controlled so that tape
components and cover shall not extend beyond the
smallest dimension of the flange (either across flats or
diameter). Once the quantity per reel for each part
number has been established, future orders for that part
number shall be packaged in that quantity. When order or
release quantity is less than the established quantity, a
standard commercial pack is to be used.
i.
A maximum of 0.25 % of the components per reel
quantity may be missing without consecutive missing
components.
j.
Adequate protection must be provided to prevent
physical damage to both reel and components during
shipment and storage.
4. Marking:
Minimum reel and carton marking shall consist of the
following: Customer Part Number, Purchase Order No.,
Quantity, Package Date, Manufacturer's Name, Electrical
Value, Date Code, Vishay Sprague Part Number and
Country of Origin.
STANDARD REEL PACKAGING SPECIFICATIONS - MEETS EIA STANDARD RS-296 in inches [millimeters]
CASE
CODE
TYPE 150D UNITS WITH
INSULATING SLEEVE
LEAD SIZE
COMPONENT
SPACING
TAPE SPACING
UNITS
PER REEL
D
L
AWG NO.
NOM. DIA.
A
B
A
0.135 ± 0.016
[3.43 ± 0.41]
0.286 ± 0.031
[7.26 ± 0.79]
24
0.020
[0.51]
0.200 ± 0.015
[5.08 ± 0.38]
2.500 ± 0.062
[63.5 ± 1.57]
1000
B
0.185 ± 0.016
[4.70 ± 0.41]
0.474 ± 0.031
[12.04 ± 0.79]
24
0.020
[0.51]
0.200 ± 0.015
[5.08 ± 0.38]
2.500 ± 0.062
[63.5 ± 1.57]
1000
R
0.289 ± 0.016
[7.34 ± 0.41]
0.686 ± 0.031
[17.42 ± 0.79]
22
0.025
[0.64]
0.400 ± 0.015
[10.16 ± 0.38]
2.875 ± 0.062
[73.03 ± 1.57]
500
S
0.351 ± 0.016
[8.92 ± 0.41]
0.786 ± 0.031
[19.96 ± 0.79]
22
0.025
[0.64]
0.400 ± 0.015
[10.16 ± 0.38]
2.875 ±0.062
[73.03 ± 1.57]
500
1.126 to 3.07
[28.6 to 78.0]
I. D. REEL HUB
13.0 [330.2]
STANDARD REEL
THRU HOLE
LABEL (4. a)
1.374 to 3.626
[34.9 to 92.1]
SECTION “A” - “A”
A
TAPE SPACING
B
BOTH SIDES (3. f)
COMPONENT
SPACING
0.031 [0.79] MAX.
OFF CENTER (1. a)
0.125 [3.18] MAX.
0.250 [6.35] (3. b)
0.031 [0.79] (3. f)
0.750 [19.05]
0.625 ± 0.0062 DIA.
[15.88 ± 1.575]
“A”
“A”


Similar Part No. - 150D125X9006A2

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
150D NELLSEMI-150D Datasheet
936Kb / 7P
   Standard Recovery Diodes
More results

Similar Description - 150D125X9006A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
152D685X9015A2T VISHAY-152D685X9015A2T Datasheet
101Kb / 5P
   Solid-Electrolyte TANTALEX® Capacitors, Extended Capacitance Values, Hermetically-Sealed
Revision: 09-Mar-12
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
173D VISHAY-173D Datasheet
81Kb / 6P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Revision 13-Jun-02
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
logo
Cornell Dubilier Electr...
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com