Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-009879-TR3000 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-009879-TR3000
Description  Broadband CATV 2-Way Active Splitter with default loop-thru Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-009879-TR3000 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MAAM-009879-TR3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-009879-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-009879-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-009879-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-009879-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-009879-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-009879-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-009879-TR3000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-009879-TR3000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Broadband CATV 2-Way Active Splitter with default loop-thru Switch
50 - 1100 MHz
Rev. V3
MAAM-009879
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
6
Noise Figure
Insertion Loss to 3 GHz (power off)
Insertion Loss to 1 GHz (power off)
Reverse Isolation to 3 GHz (power on)
Reverse Isolation to 3 GHz (power off)
Typical Performance Curves
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
+25°C
-40°C
+85°C
Frequency (GHz)
-5
-4
-3
-2
-1
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
-40°C
+85°C
Frequency (GHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
-40°C
+85°C
Frequency (GHz)
0
1
2
3
4
5
6
7
0.0
0.2
0.4
0.6
0.8
1.0
1.2
in to out1_+25°
in to out2_+25°
in to out1_-40°
in to out2_-40°
in to out1_+85°
in to out2_+85°
Frequency (GHz)
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
out1 to in_+25°
out2 to in_+25°
out1 to in_-40°
out2 to in_-40°
out1 to in_+85°
out2 to in_+85°
Frequency (GHz)


Similar Part No. - MAAM-009879-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009879-TR3000 MA-COM-MAAM-009879-TR3000 Datasheet
327Kb / 8P
   Broadband CATV 2-Way Active Splitter with default loop-thru Switch
More results

Similar Description - MAAM-009879-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009879 MA-COM-MAAM-009879 Datasheet
327Kb / 8P
   Broadband CATV 2-Way Active Splitter with default loop-thru Switch
MAAM-009879 MA-COM-MAAM-009879_15 Datasheet
327Kb / 8P
   Broadband CATV 2-Way Active Splitter with default loop-thru Switch
MAAM-009879 MA-COM-MAAM-009879 Datasheet
327Kb / 8P
   Broadband CATV 2-Way Active Splitter with default loop-thru Switch
MAAM-009450 MA-COM-MAAM-009450 Datasheet
470Kb / 8P
   Broadband CATV 3-Way Active Splitter with default loop-thru Switch
MAAM-009779 MA-COM-MAAM-009779 Datasheet
619Kb / 8P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
MAAM-009450 MA-COM-MAAM-009450_13 Datasheet
2Mb / 8P
   Broadband CATV 3-Way Active Splitter with default loop-through Switch
MAAM-010263 MA-COM-MAAM-010263 Datasheet
350Kb / 8P
   Broadband CATV 6-Way Active Splitter with default loop-through Switch
MAAM-009778 MA-COM-MAAM-009778 Datasheet
524Kb / 8P
   Broadband CATV 4-Way Active Splitter with Default Loop-Through Switch
MAAM-009779 MA-COM-MAAM-009779_15 Datasheet
1Mb / 9P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
MAAM-010263 MA-COM-MAAM-010263 Datasheet
350Kb / 8P
   Broadband CATV 6-Way Active Splitter with default loop-through Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com