Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-007239-TR1000 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-007239-TR1000
Description  Broadband CATV Single Ended 3-Way Active Splitter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-007239-TR1000 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAM-007239-TR1000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-007239-TR1000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-007239-TR1000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-007239-TR1000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-007239-TR1000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-007239-TR1000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-007239-TR1000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-007239-TR1000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAM-007239-TR1000 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Broadband CATV Single Ended 3-Way Active Splitter
50 - 1100 MHz
Rev. V2
MAAM-007239
9
9
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0006846
9
OUT2 - OUT3 Isolation
OUT3 - Return Loss
OUT1 - OUT3 Isolation
OUT1 - OUT2 Isolation
Noise Figure - Typical for all ports
OUT2 - Return Loss
Typical Performance Curves: High Isolation Configuration
-20
-16
-12
-8
-4
0
0
0.2
0.4
0.7
0.9
1.1
+25°C
-40°C
+85°C
Frequency (GHz)
-20
-16
-12
-8
-4
0
0
0.2
0.4
0.7
0.9
1.1
+25°C
-40°C
+85°C
Frequency (GHz)
-45
-40
-35
-30
-25
0
0.2
0.4
0.7
0.9
1.1
+25°C
-40°C
+85°C
Frequency (GHz)
-45
-40
-35
-30
-25
0
0.2
0.4
0.7
0.9
1.1
+25°C
-40°C
+85°C
Frequency (GHz)
-45
-40
-35
-30
-25
0
0.2
0.4
0.7
0.9
1.1
+25°C
-40°C
+85°C
Frequency (GHz)
1
2
3
4
5
6
7
0
0.2
0.4
0.7
0.9
1.1
+25°C
-40°C
+85°C
Frequency (MHz)


Similar Part No. - MAAM-007239-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-007239-TR1000 MA-COM-MAAM-007239-TR1000 Datasheet
288Kb / 9P
   Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz
MAAM-007239-TR1000 MA-COM-MAAM-007239-TR1000 Datasheet
924Kb / 10P
   Broadband CATV Single Ended 3-Way Active Splitter
More results

Similar Description - MAAM-007239-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-008819 MA-COM-MAAM-008819 Datasheet
212Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-008822 MA-COM-MAAM-008822 Datasheet
264Kb / 7P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-007239 MA-COM-MAAM-007239 Datasheet
294Kb / 9P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-007239 MA-COM-MAAM-007239_15 Datasheet
924Kb / 10P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-009451 MA-COM-MAAM-009451_15 Datasheet
964Kb / 7P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-009451 MA-COM-MAAM-009451 Datasheet
346Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-009451 MA-COM-MAAM-009451 Datasheet
346Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter
logo
Tyco Electronics
MAAM-008819 MACOM-MAAM-008819 Datasheet
251Kb / 6P
   Broadband CATV Single Ended 3-Way Active Splitter
logo
M/A-COM Technology Solu...
MAAM-008822 MA-COM-MAAM-008822_15 Datasheet
940Kb / 8P
   Broadband CATV Single Ended 3-Way Active Splitter
MAAM-008819 MA-COM-MAAM-008819_15 Datasheet
858Kb / 7P
   Broadband CATV Single Ended 3-Way Active Splitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com