Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC20K0103KBC Datasheet(PDF) 3 Page - AVX Corporation

Part # NC20K0103KBC
Description  NTC SMD Thermistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NC20K0103KBC Datasheet(HTML) 3 Page - AVX Corporation

  NC20K0103KBC Datasheet HTML 1Page - AVX Corporation NC20K0103KBC Datasheet HTML 2Page - AVX Corporation NC20K0103KBC Datasheet HTML 3Page - AVX Corporation NC20K0103KBC Datasheet HTML 4Page - AVX Corporation NC20K0103KBC Datasheet HTML 5Page - AVX Corporation NC20K0103KBC Datasheet HTML 6Page - AVX Corporation NC20K0103KBC Datasheet HTML 7Page - AVX Corporation NC20K0103KBC Datasheet HTML 8Page - AVX Corporation NC20K0103KBC Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
010617
Packaging for Automatic Insertion
NTC Chip Thermistors / NC/NB Series
AUTOMATIC INSERTION
Super 8 Plastic Tape Packaging:
The mechanical and dimensional reel characteristics are in
accordance with the IEC publication 286-3.
Max
3
°
Max
3
°
Max
3
°
Max
3
°
Cover Tape
30
μ ± 5μ
T
K
A1
B1
B0
D0
P2
P0
W
Hole
F
E
A0
5.5 (.217)
±0.2 (.008)
Direction of
unreeling
+0.2 (.008)
-0
1 (.039)
Designation
Symbol
Value
Tolerance
Tape width
W
8
±0.2
Tape thickness
T
0.4 max.
Pitch of the sprocket holes
P0
4
±0.1
Diameter of the sprocket holes
D0
1.5
±0.1
-0
Distance
E
1.75
±0.1
Distance (center to center)
F
3.5
±0.05
Distance (center to center)
P2
2
±0.1
Sizes of the
NC 12 (0805)
A0
1.5
±0.1
cavities
B0
2.4
±0.1
K
1.4 max.
K ±0.1
(size is adjustable)
(K = t1 +0.2)
NC 20 (1206)
A0
1.95
±0.1
B0
3.55
±0.1
K
1.5 max.
K ±0.1
(size is adjustable)
(K = t1 +0.2)
Bottom side
Reel
Upper side
Reel
according to
ISO/DIS 3639-2
ø 12.75 (.502)
+ 0.15 (.006)
- 0
ø180 (7.09)
+ 0
- 2 (.079)
ø 20.5 (.087)
+ 0.5 (.020)
- 0
8.4 (.331)
+0.15 (.006)
14.4 (.567)
max.
QUANTITY PER REEL
Type
Suffix
Description
Qty Per Reel
NB20
BA
Plastic tape (180mm diam. reel)
3,000 pcs
NC20
BE
Plastic tape (1/2 reel)
1,500 pcs
BC
Plastic tape (330mm diam. reel)
10,000 pcs


Similar Part No. - NC20K0103KBC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NC20K00103 AVX-NC20K00103 Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA Datasheet
200Kb / 5P
   NTC SMD Thermistors NC 12 ??NC 20
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC20K00123 AVX-NC20K00123 Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00153 AVX-NC20K00153 Datasheet
200Kb / 5P
   NTC SMD Thermistors
More results

Similar Description - NC20K0103KBC

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
logo
AVX Corporation
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG062QH300JTB TDK-NTCG062QH300JTB Datasheet
370Kb / 27P
   NTC Thermistors SMD
logo
AVX Corporation
NB21K00103MBB AVX-NB21K00103MBB Datasheet
235Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG06 TDK-NTCG06 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com