Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP30MA0502H Datasheet(PDF) 1 Page - AVX Corporation

Part # NP30MA0502H
Description  NTC Accurate Thermistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NP30MA0502H Datasheet(HTML) 1 Page - AVX Corporation

  NP30MA0502H Datasheet HTML 1Page - AVX Corporation NP30MA0502H Datasheet HTML 2Page - AVX Corporation NP30MA0502H Datasheet HTML 3Page - AVX Corporation NP30MA0502H Datasheet HTML 4Page - AVX Corporation NP30MA0502H Datasheet HTML 5Page - AVX Corporation NP30MA0502H Datasheet HTML 6Page - AVX Corporation NP30MA0502H Datasheet HTML 7Page - AVX Corporation NP30MA0502H Datasheet HTML 8Page - AVX Corporation NP30MA0502H Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
010617
High precision resistance and an outstanding ability to
reproduce the sensibility index B, make these ranges of
products the types of thermistors ideal for temperature
measurement applications.
Leaded or unleaded, these small size and rapid response
time thermistors are able to meet the most accurate
requirements.
Types
NJ 28
NP 30
NI 24
NK 20
Finish
Coated chip with phenolic
Coated chip with epoxy
Chip
resin + varnish
Coated chip with epoxy
AWG30 insulated leads
+ tinned copper wires
+ Silver plated nickel wires
Marking
On packaging only
Operating temperature
-55°C to +150°C
Tolerance on Rn (25°C)
±1%, ±2%, ±3%
Maximum dissipation at 25°C
0.16 W
Thermal dissipation factor*
3 mW/°C
3 mW/°C
2 mW/°C
Thermal time constant
8 s
8 s
6 s
Response time
< 2 s
NTC Accurate Thermistors
NP30 - NJ 28 – NI 24 – NK 20
2.8 (.110) max 2.8 (.110) max
0.4 (.016)
+10 %
- 15%
2.4 (.094) max
2.4 (.094) max
0.57 (.022)
+7%
-7%
3.0 (.118) max
3.0 (.118) max
0.4 (.016)
+10%
-15%
1.75 (.069)
± 0.25 (0.10)
DIMENSIONS:
millimeters (inches)
FEATURES
• High Accuracy
• Fast thermal response
• Commercial, Industrial and Automotive Applications
• AEC-Q200 qualified
OPTIONS
Consult factory for availability of options
• other nominal resistance values
• other tolerances
• controlled dimensions (e.g. reduced head size for NP30)
• alternative lead materials (e.g. steel, nickel)
• customized lead lengths, spacing, forming (kink) etc.
• epoxy coating on leads (NP30)
APPLICATIONS
• Temperature measurement
• Liquid level or flow detection
• Alarms and fire detectors
• HVAC and Refrigeration
• Fans
• Air intake temperature
• Electric pup module
• Water Temperature
• Evaporator probe
• and more


Similar Part No. - NP30MA0502H

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NP30 AVX-NP30 Datasheet
401Kb / 10P
   Commercial, Industrial and Automotive Applications
logo
Renesas Technology Corp
NP30N04QUK RENESAS-NP30N04QUK Datasheet
703Kb / 9P
   40 V – 30 A – Dual N-channel Power MOS FET Application: Automotive
May 24, 2018
NP30N04QUK-E1-AY RENESAS-NP30N04QUK-E1-AY Datasheet
703Kb / 9P
   40 V – 30 A – Dual N-channel Power MOS FET Application: Automotive
May 24, 2018
NP30N04QUK-E2-AY RENESAS-NP30N04QUK-E2-AY Datasheet
703Kb / 9P
   40 V – 30 A – Dual N-channel Power MOS FET Application: Automotive
May 24, 2018
NP30N04QUK RENESAS-NP30N04QUK_15 Datasheet
413Kb / 9P
   40 V ??30 A ??Dual N-channel Power MOS FET Application: Automotive
More results

Similar Description - NP30MA0502H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF51E3270 ETC2-MF51E3270 Datasheet
610Kb / 3P
   MF51E High Precision NTC Thermistors for Extremely Accurate Temperature Measurement
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com