Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

209159004101916 Datasheet(PDF) 4 Page - AVX Corporation

Part # 209159004101916
Description  Horizontal Socket: BTB
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

209159004101916 Datasheet(HTML) 4 Page - AVX Corporation

  209159004101916 Datasheet HTML 1Page - AVX Corporation 209159004101916 Datasheet HTML 2Page - AVX Corporation 209159004101916 Datasheet HTML 3Page - AVX Corporation 209159004101916 Datasheet HTML 4Page - AVX Corporation 209159004101916 Datasheet HTML 5Page - AVX Corporation 209159004101916 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Horizontal Socket: BTB
20-9159
SOCKET
4 WAY 2 PART PCB STRIP CONNECTOR
NOTES:
1. FOR MORE INFORMATION REFER TO PRODUCT
SPEC 201-01-119.
2. DIMENSIONS ARE REFERENCE DIMENSIONS
UNLESS TOLERANCES.
3. INSULATOR MATERIAL: NYLON 46.
COLOR REFER TO PAGE 1.
4. CONTACT MATERIAL: COPPER ALLOY,
GOLD OVER NICKEL.
5. BRACKETS: COPPER ALLOY, TIN PLATED.
6. OUTLINE OF CONNECTOR.
7. PACKING TAPE AND REEL,
QUANTITY 1400 PER REEL.
4 WAY PCB BOARD LAYOUT
PACKING DETAILS
4
CONNECT
INTER


Similar Part No. - 209159004101916

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2091 ETC2-2091 Datasheet
311Kb / 1P
   MALE/FEMALE THREADED STANDOFFS
2091 ETC2-2091 Datasheet
110Kb / 2P
   HEX MALE/FEMALE STANDOFFS
logo
3M Electronics
2091 3M-2091 Datasheet
1Mb / 8P
   3M??Reusable Respirators
logo
Heyco.
2091 HEYCO-2091 Datasheet
133Kb / 1P
   Snap Bushings
logo
Molex Electronics Ltd.
2091102 MOLEX-2091102 Datasheet
236Kb / 3P
   TERMINAL MLX .84' 14-20AWG EST. FEM-B 2081001
2016/06/30
More results

Similar Description - 209159004101916

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
20-9159 AVX-20-9159 Datasheet
534Kb / 6P
   Horizontal Socket: BTB
109159002101916 AVX-109159002101916 Datasheet
880Kb / 7P
   Horizontal Plug: BTB
10-9159 AVX-10-9159 Datasheet
880Kb / 7P
   Horizontal Plug: BTB
589159002000006 AVX-589159002000006 Datasheet
191Kb / 2P
   Shorting Socket: BTB
58-9159 AVX-58-9159 Datasheet
191Kb / 2P
   Shorting Socket: BTB
logo
Wurth Elektronik GmbH &...
695402150122 WURTH-695402150122 Datasheet
1Mb / 4P
   BtB 1.50MM PITCH PLUG HORIZONTAL
695402151122 WURTH-695402151122 Datasheet
1Mb / 4P
   BtB 1.50MM PITCH RECEPTACLE HORIZONTAL
695403150122 WURTH-695403150122 Datasheet
1Mb / 4P
   BtB 1.50MM PITCH PLUG HORIZONTAL
695405151122 WURTH-695405151122 Datasheet
1Mb / 4P
   BtB 1.50MM PITCH RECEPTACLE HORIZONTAL
695404151122 WURTH-695404151122 Datasheet
1Mb / 4P
   BtB 1.50MM PITCH RECEPTACLE HORIZONTAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com