Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

229159002101916 Datasheet(PDF) 1 Page - AVX Corporation

Part # 229159002101916
Description  Top Load Socket: BTB
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

229159002101916 Datasheet(HTML) 1 Page - AVX Corporation

  229159002101916 Datasheet HTML 1Page - AVX Corporation 229159002101916 Datasheet HTML 2Page - AVX Corporation 229159002101916 Datasheet HTML 3Page - AVX Corporation 229159002101916 Datasheet HTML 4Page - AVX Corporation 229159002101916 Datasheet HTML 5Page - AVX Corporation 229159002101916 Datasheet HTML 6Page - AVX Corporation 229159002101916 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Top Load Socket: BTB
22-9159
The 9159 series of Board-to-Board interconnect system allows two
PCB's to be mated end-to-end creating strips of LED lighting. Designed
specifically for the unique Solid State Lighting (SSL) market requiring
coplanar (horizontal-to-horizontal) PCB mating with a 5 Amp current
rating in the smallest package available. The top loading socket allows
complete PCB’s to be replaced in the field without having to dissemble
the entire strip of boards. The connector has a two part insulator whereby
the top of the connector will slide open allowing the plug connector to be
pulled out either vertically or at a slight angle. Once the PCB is replaced,
the cover is slid back like a Zero Insertion Force (ZIF) connector to the
closed position. The PCB layout is identical to the standard horizontal
socket to maintain family commonality at the PCB level.
9159
Series
22
Prefix
Socket
Top Loading
00X
Number of Ways
1
2 Part
PCB Strip
Connector
16
Plating Option
HOW TO ORDER
9
Color/Approval
01
Connector
Pitch
01 = 3mm
Code Color
Approval
9
White
UL Approved
Code
No of
Details
Ways
002
2
Page 2
003
3
Page 3
004
4
Page 4
005
5
Page 5
006
6
Page 6
Code
Contact
Bracket
16
Gold in Contact Area
Tin
Tin on Solder Tail
all over
FEATURES AND BENEFITS
• Slide open top: allows field reparability at the light fixture level
• Mates with standard horizontal or cabled plug: no need to change any
connectors
• 5 Amp current rating: exceeds general market needs
• Gold plated BeCu spring contacts: reliability for harsh environments
• Available in white: supports SSL market preferences
APPLICATIONS
• Coplanar PCB mating in SSL products
• LED linear lighting strips
• Application Notes: refer to 201-01-123
ELECTRICAL
• Current Rating: 5 Amps / Contact
• Voltage Rating: 125 VAC
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Insulator Material: Nylon: VL94VO
• Contact Material: BeCu / Phos Bronze
• Plating: Gold / Tin over Nickel
• Durability: 10 Cycles
1
CONNECT
INTER
Certification: UL File #E90723


Similar Part No. - 229159002101916

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2291561 PHOENIX-2291561 Datasheet
120Kb / 4P
   FLKM 50/1-40
2291574 PHOENIX-2291574 Datasheet
114Kb / 3P
   FLKM 50/TI
logo
TE Connectivity Ltd
2291579-1 TEC-2291579-1 Datasheet
3Mb / 7P
   ZSFP PLUGGABLE I/O INTERCONNECT
logo
PHOENIX CONTACT
2291587 PHOENIX-2291587 Datasheet
111Kb / 7P
   Passive module - FLKM 50/KDS3-MT/PPA/AN/PLC
More results

Similar Description - 229159002101916

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
22-9159 AVX-22-9159 Datasheet
531Kb / 7P
   Top Load Socket: BTB
logo
Aries Electronics, Inc.
23024 ARIES-23024 Datasheet
2Mb / 3P
   Universal Top-Load Socket
logo
AVX Corporation
20-9159 AVX-20-9159 Datasheet
534Kb / 6P
   Horizontal Socket: BTB
589159002000006 AVX-589159002000006 Datasheet
191Kb / 2P
   Shorting Socket: BTB
209159002101916 AVX-209159002101916 Datasheet
534Kb / 6P
   Horizontal Socket: BTB
58-9159 AVX-58-9159 Datasheet
191Kb / 2P
   Shorting Socket: BTB
10-9296 AVX-10-9296 Datasheet
287Kb / 3P
   BTB Jumper
logo
FCI connector
87606-310LF FCI-CONNECTOR-87606-310LF Datasheet
88Kb / 2P
   BtB RECEPT
logo
Adam Technologies, Inc.
CF-50-A-SG-2 ADAM-TECH-CF-50-A-SG-2 Datasheet
147Kb / 1P
   CF TYPE SOCKET TOP MOUNT
CF2A-50-SG ADAM-TECH-CF2A-50-SG Datasheet
124Kb / 1P
   CF TYPE SOCKET TOP MOUNT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com