Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR838DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIR838DP
Description  N-Channel 150 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR838DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SIR838DP Datasheet HTML 1Page - Vishay Siliconix SIR838DP Datasheet HTML 2Page - Vishay Siliconix SIR838DP Datasheet HTML 3Page - Vishay Siliconix SIR838DP Datasheet HTML 4Page - Vishay Siliconix SIR838DP Datasheet HTML 5Page - Vishay Siliconix SIR838DP Datasheet HTML 6Page - Vishay Siliconix SIR838DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
SiR838DP
Document Number: 65650
S13-2092-Rev. B, 30-Sep-13
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
N-Channel 150 V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
•100 % Rg and UIS Tested
Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
Primary Side Switch
Isolated DC/DC Converters
Notes:
a. Package limited
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See solder profile
(www.vishay.com/doc?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 65 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
Qg (Typ.)
150
0.033 at VGS = 10 V
35
33 nC
Ordering Information:
SiR838DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK
® SO-8
Bottom View
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
150
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
35
A
TC = 70 °C
28
TA = 25 °C
8.3b, c
TA = 70 °C
6.6b, c
Pulsed Drain Current
IDM
60
Continuous Source-Drain Diode Current
TC = 25 °C
IS
60a
TA = 25 °C
4.5b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
30
Single Pulse Avalanche Energy
EAS
45
mJ
Maximum Power Dissipation
TC = 25 °C
PD
96
W
TC = 70 °C
62
TA = 25 °C
5.4b, c
TA = 70 °C
3.5b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
 10 s
RthJA
18
23
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
11.3


Similar Part No. - SIR838DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR836DP VISHAY-SIR836DP Datasheet
115Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 11-Jan-10
logo
Vishay Telefunken
SIR836DP TFUNK-SIR836DP Datasheet
330Kb / 13P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SIR836DP-T1-GE3 VISHAY-SIR836DP-T1-GE3 Datasheet
115Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 11-Jan-10
SIR836DP-T1-GE3 VISHAY-SIR836DP-T1-GE3 Datasheet
363Kb / 13P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SIR836DP VISHAY-SIR836DP_V01 Datasheet
363Kb / 13P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIR838DP

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
   N-Channel 150 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
   N-Channel 150-V (D-S) MOSFET
Rev. F, 06-Apr-09
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 26-May-03
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM1158N VBSEMI-VBM1158N Datasheet
658Kb / 8P
   N-Channel 150 V (D-S) MOSFET
15T15GH-HF VBSEMI-15T15GH-HF Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com