Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHW47N60EF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIHW47N60EF
Description  EF Series Power MOSFET with Fast Body Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHW47N60EF Datasheet(HTML) 3 Page - Vishay Siliconix

  SIHW47N60EF Datasheet HTML 1Page - Vishay Siliconix SIHW47N60EF Datasheet HTML 2Page - Vishay Siliconix SIHW47N60EF Datasheet HTML 3Page - Vishay Siliconix SIHW47N60EF Datasheet HTML 4Page - Vishay Siliconix SIHW47N60EF Datasheet HTML 5Page - Vishay Siliconix SIHW47N60EF Datasheet HTML 6Page - Vishay Siliconix SIHW47N60EF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SiHW47N60EF
www.vishay.com
Vishay Siliconix
S17-0298-Rev. F, 27-Feb-17
3
Document Number: 91560
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Coss and Eoss vs. VDS
VDS, Drain-to-Source Voltage (V)
0
25
50
75
100
125
150
0
5
10
15
20
25
30
5.0 V
Top 15 V
14 V
13 V
12 V
11 V
10 V
9.0 V
8.0 V
7.0 V
Bottom 6.0 V
T
J = 25 °C
VDS, Drain-to-Source Voltage (V)
0
5
10
15
20
25
30
0
20
40
60
80
100
Top 15 V
14 V
13 V
12 V
11 V
10 V
9.0 V
8.0 V
7.0 V
6.0 V
Bottom 5.0 V
T
J = 150 °C
VGS, Gate-to-Source Voltage (V)
0
30
120
150
0
5
10
15
20
25
60
90
T
J = 150 °C
T
J = 25 °C
V
DS = 26 V
- 60 - 40 - 20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TJ, Junction Temperature (°C)
V
=
I
=
GS
D
10 V
24 A
1
10
100
1000
10 000
VDS, Drain-to-Source Voltage (V)
0
100
200
300
400
500
600
100 000
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
C
iss
C
oss
C
rss
0
5
10
15
20
25
30
50
500
5000
0
100
200
300
400
500
600
V
DS
C
oss
E
oss


Similar Part No. - SIHW47N60EF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SIHW47N60EF ISC-SIHW47N60EF Datasheet
446Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHW47N60EF VISHAY-SIHW47N60EF Datasheet
331Kb / 8P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHW47N60EF VISHAY-SIHW47N60EF_V01 Datasheet
331Kb / 8P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
More results

Similar Description - SIHW47N60EF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHG70N60EF VISHAY-SIHG70N60EF Datasheet
203Kb / 8P
   EF Series Power MOSFET with Fast Body Diode
Rev. C, 27-Feb-17
SIHP28N60EF VISHAY-SIHP28N60EF Datasheet
293Kb / 8P
   EF Series Power MOSFET with Fast Body Diode
Rev. C, 27-Feb-17
SIHB33N60EF VISHAY-SIHB33N60EF_V01 Datasheet
215Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHB055N60EF VISHAY-SIHB055N60EF Datasheet
196Kb / 9P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHA21N80AEF VISHAY-SIHA21N80AEF Datasheet
157Kb / 8P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHA105N60EF VISHAY-SIHA105N60EF Datasheet
166Kb / 8P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHB21N60EF VISHAY-SIHB21N60EF_V01 Datasheet
215Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHB35N60EF VISHAY-SIHB35N60EF Datasheet
192Kb / 10P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHP33N60EF VISHAY-SIHP33N60EF_V01 Datasheet
295Kb / 8P
   EF Series Power MOSFET with Fast Body Diode
08-Feb-17
SIHB068N60EF VISHAY-SIHB068N60EF Datasheet
207Kb / 9P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com