Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHH26N60EF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIHH26N60EF
Description  E Series Power MOSFET with Fast Body Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHH26N60EF Datasheet(HTML) 7 Page - Vishay Siliconix

  SIHH26N60EF Datasheet HTML 1Page - Vishay Siliconix SIHH26N60EF Datasheet HTML 2Page - Vishay Siliconix SIHH26N60EF Datasheet HTML 3Page - Vishay Siliconix SIHH26N60EF Datasheet HTML 4Page - Vishay Siliconix SIHH26N60EF Datasheet HTML 5Page - Vishay Siliconix SIHH26N60EF Datasheet HTML 6Page - Vishay Siliconix SIHH26N60EF Datasheet HTML 7Page - Vishay Siliconix SIHH26N60EF Datasheet HTML 8Page - Vishay Siliconix SIHH26N60EF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 18-May-15
1
Document Number: 67859
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® 8 x 8 Case Outline
Notes
1. Use millimeters as the primary measurement.
2. Dimensioning and tolerances conform to ASME Y14.5 M - 1994.
3. N is the number of terminals.
4. Package warpage max. 0.08 mm.
5. The pin 1 identifier must be existed on the top surface of the package by using indentation mark or other feature of package body.
6. Exact shape and size of this feature is optional.
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A 8
0.95
1.00
1.05
0.037
0.039
0.041
A1
0.00
-
0.05
0.000
-
0.002
A2
020 ref.
0.008 ref.
b 4
0.95
1.00
1.05
0.037
0.039
0.041
D
7.90
8.00
8.10
0.311
0.315
0.319
D2
7.10
7.20
7.30
0.280
0.283
0.287
D3
0.40 BSC
0.016 BSC
e
2.00 BSC
0.079 BSC
E
7.90
8.00
8.10
0.311
0.315
0.319
E2
4.30
4.35
4.40
0.169
0.171
0.173
E3
0.40 BSC
0.016 BSC
K
2.75 BSC
0.108 BSC
L
0.45
0.50
0.55
0.018
0.020
0.022
N 3
88
ECN: T15-0225-Rev. A, 18-May-15
DWG: 6041
D2
b
BACK SIDE VIEW
e
D3
TOP SIDE VIEW
D
PPAK 8x8
(8 mm x 8 mm)
A
B
Pin 1 dot
5, 6
by marking
0.1 C A
2x
0.1 C B
2x


Similar Part No. - SIHH26N60EF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHH26N60EF VISHAY-SIHH26N60EF Datasheet
201Kb / 9P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHH26N60EF VISHAY-SIHH26N60EF_V01 Datasheet
201Kb / 9P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
More results

Similar Description - SIHH26N60EF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHB24N65EF VISHAY-SIHB24N65EF Datasheet
167Kb / 7P
   E Series Power MOSFET with Fast Body Diode
Rev. B, 27-Feb-17
SIHH14N65EF VISHAY-SIHH14N65EF Datasheet
184Kb / 9P
   E Series Power MOSFET with Fast Body Diode
Rev. A, 15-Feb-16
SIHG21N65EF VISHAY-SIHG21N65EF_V01 Datasheet
224Kb / 10P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHG28N65EF VISHAY-SIHG28N65EF_V01 Datasheet
208Kb / 10P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHH24N65EF VISHAY-SIHH24N65EF_V01 Datasheet
201Kb / 9P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SQW44N65EF VISHAY-SQW44N65EF Datasheet
321Kb / 8P
   E Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHP28N65EF VISHAY-SIHP28N65EF_V01 Datasheet
145Kb / 7P
   E Series Power MOSFET with Fast Body Diode
08-Feb-17
SIHA21N65EF VISHAY-SIHA21N65EF_V01 Datasheet
180Kb / 8P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SQW44N65EF VISHAY-SQW44N65EF_V01 Datasheet
321Kb / 8P
   E Series Power MOSFET With Fast Body Diode
01-Jan-2023
SIHG47N60EF VISHAY-SIHG47N60EF Datasheet
152Kb / 7P
   E Series Power MOSFET with Fast Body Diode
Rev. D, 28-Oct-13
SIHH11N65EF VISHAY-SIHH11N65EF Datasheet
200Kb / 9P
   E Series Power MOSFET with Fast Body Diode
Rev. A, 21-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com