Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHF18N50D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIHF18N50D
Description  D Series Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHF18N50D Datasheet(HTML) 4 Page - Vishay Siliconix

  SIHF18N50D Datasheet HTML 1Page - Vishay Siliconix SIHF18N50D Datasheet HTML 2Page - Vishay Siliconix SIHF18N50D Datasheet HTML 3Page - Vishay Siliconix SIHF18N50D Datasheet HTML 4Page - Vishay Siliconix SIHF18N50D Datasheet HTML 5Page - Vishay Siliconix SIHF18N50D Datasheet HTML 6Page - Vishay Siliconix SIHF18N50D Datasheet HTML 7Page - Vishay Siliconix SIHF18N50D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SiHF18N50D
www.vishay.com
Vishay Siliconix
S16-1602-Rev. B, 15-Aug-16
4
Document Number: 91507
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10 - Typical Drain-to-Source Voltage vs. Temperature
Fig. 11 - Normalized Thermal Transient Impedance, Junction-to-Case
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
T
J = 150 °C
T
J = 25 °C
V
GS = 0 V
VSD, Source-Drain Voltage (V)
0.1
1
10
100
1000
1
10
100
1000
Operation in this area
limited by RDS(on)
Limited by R
DS(on)*
100 μs
1 ms
10 ms
TC = 25 °C
TJ = 150 °C
Single Pulse
BVDSS Limited
V
DS, Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
4.0
8.0
12.0
16.0
20.0
25
50
75
100
125
150
TJ, Case Temperature (°C)
475
500
525
550
575
600
625
- 60
0
160
- 40 - 20
20
40
60
80
100 120 140
TJ, Junction Temperature (°C)
0.01
0.1
1
0.0001
0.001
0.01
0.1
10
Pulse Time (s)
0.2
0.1
Duty Cycle = 0.5
0.05
0.02
Single Pulse
1


Similar Part No. - SIHF18N50D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHF18N50D VISHAY-SIHF18N50D Datasheet
178Kb / 9P
   D Series Power MOSFET
01-Jan-2022
SIHF18N50D VISHAY-SIHF18N50D_V01 Datasheet
178Kb / 9P
   D Series Power MOSFET
01-Jan-2022
More results

Similar Description - SIHF18N50D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
SIHP17N60D VISHAY-SIHP17N60D_V01 Datasheet
178Kb / 8P
   D Series Power MOSFET
01-Jan-2022
SIHU3N50DA VISHAY-SIHU3N50DA Datasheet
203Kb / 10P
   D Series Power MOSFET
01-Jan-2022
SIHS36N50D VISHAY-SIHS36N50D Datasheet
174Kb / 8P
   D Series Power MOSFET
Rev. A, 18-Jun-12
SIHU3N50D VISHAY-SIHU3N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
SIHU5N50D VISHAY-SIHU5N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
IRFP460B VISHAY-IRFP460B Datasheet
186Kb / 8P
   D Series Power MOSFET
Rev. B, 16-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com