Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC2578 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC2578
Description  10 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC2578 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC2578 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC2578 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AC2578
Gain vs Temperature Vcc = 15
10.0
9.0
8.0
7.0
5.0
4.0
3.0
2.0
Noise Figure
K EY: + 25
°C
+85
°C
- 55
°C
22.0
21.0
20.0
19.0
18.0
17.0
Power Output at 1 dB Compression
70
60
50
40
30
Intercept Point Vcc = 15
+15 V
+12 V
+ 15 V
+12 V
FREQUENCY - MHz
10
30
100
200
400
800
1200
1600
2000
3000
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
10
30
100
200
400
800
1200
1600
2000
3000
10
30
100
200
400
800
1200
1600
2000
3000
10
30
100
200
400
800
1200
1600
2000
3000
IP 3
IP 2
2nd HAR
70
60
50
40
30
Intercept Point Vcc = 12
FREQUENCY - MHz
10
30
100
200
400
800
1200
1600
2000
3000
IP 3
IP 2
2nd HAR
MODEL: AC2578
Vcc = +15V
Icc = 103.31 mA
FREQ.
VSWR
VSWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
10
1.74
1.19
9.5
-17.8
50
1.59
1.14
9.7
-17.7
100
1.62
1.14
9.6
0.404
-17.7
300
1.66
1.13
9.2
0.289
-17.9
500
1.64
1.12
9.2
0.276
-17.7
700
1.61
1.12
9.3
0.291
-17.8
900
1.63
1.10
9.2
0.284
-18.3
1100
1.68
1.11
9.2
0.296
-18.5
1300
1.75
1.14
9.1
0.292
-18.9
1500
1.70
1.15
9.2
0.290
-18.7
1700
1.62
1.21
9.2
0.302
-18.3
1900
1.51
1.25
9.2
0.317
-18.2
2100
1.41
1.28
9.4
0.325
-18.6
2300
1.24
1.27
9.4
0.353
-18.5
2500
1.26
1.22
9.2
0.380
-18.2
2700
1.86
1.12
8.9
0.432
-18.6
LINEAR S-PARAMETERS
MODEL: AC2578
Vcc = +15V
Icc = 103.31 mA
FREQ.
S11
S21
S12
S22
MHZ
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.27
-23.4
2.99
-166.7
0.129
6
0.09
146.9
50
0.23
-11.2
3.04
176.9
0.131
-3
0.07
151.3
100
0.24
-14.9
3.03
169.6
0.130
-5
0.07
148.7
300
0.25
-41.9
2.89
148.8
0.128
-17
0.06
95.3
500
0.24
-67.0
2.89
128.9
0.130
-30
0.06
63.4
700
0.23
-93.2
2.91
108.0
0.128
-43
0.06
33.3
900
0.24
-121.9
2.89
87.5
0.122
-54
0.05
-1.9
1100
0.25
-141.5
2.88
66.3
0.119
-68
0.05
-40.1
1300
0.27
-161.0
2.86
45.3
0.114
-82
0.07
-80.4
1500
0.26
180.0
2.87
24.2
0.116
-92
0.07
-111.3
1700
0.24
160.6
2.87
2.7
0.122
-109
0.10
-151.0
1900
0.20
134.3
2.89
-20.2
0.122
-119
0.11
-173.4
2100
0.17
106.1
2.94
-43.4
0.118
-131
0.12
161.0
2300
0.11
67.6
2.94
-69.0
0.119
-154
0.12
141.5
2500
0.11
-44.7
2.89
-96.5
0.123
-170
0.10
125.9
2700
0.30
-101.7
2.79
-127.5
0.117
174
0.05
119.9
MODEL: AC2578
Vcc = +12V
Icc = 89.34 mA
FREQ.
VSWR
VSWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
10
1.72
1.22
9.6
-18.1
50
1.58
1.18
9.7
-18.0
100
1.62
1.19
9.7
0.404
-17.7
300
1.64
1.15
9.2
0.286
-17.8
500
1.63
1.13
9.3
0.273
-17.8
700
1.60
1.13
9.3
0.291
-18.1
900
1.61
1.09
9.3
0.284
-18.0
1100
1.68
1.08
9.3
0.293
-18.3
1300
1.75
1.09
9.2
0.292
-18.5
1500
1.70
1.09
9.2
0.289
-18.9
1700
1.64
1.13
9.2
0.297
-18.3
1900
1.52
1.18
9.3
0.317
-18.2
2100
1.48
1.22
9.5
0.323
-18.3
2300
1.30
1.20
9.5
0.354
-17.7
2500
1.22
1.14
9.3
0.383
-17.6
2700
1.79
1.03
9.1
0.435
-17.8


Similar Part No. - AC2578

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC2577 TELEDYNE-AC2577 Datasheet
174Kb / 2P
   10 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC2578

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC2546 TELEDYNE-AC2546 Datasheet
163Kb / 2P
   10 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2577 TELEDYNE-AC2577 Datasheet
174Kb / 2P
   10 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A3010 MACOM-A3010 Datasheet
398Kb / 2P
   Cascadable Amplifier 10 to 2500 MHz
A3010 MACOM-A3010_1 Datasheet
374Kb / 2P
   Cascadable Amplifier 10 to 2500 MHz
logo
Teledyne Technologies I...
AC2556 TELEDYNE-AC2556 Datasheet
131Kb / 1P
   2000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2566 TELEDYNE-AC2566 Datasheet
179Kb / 2P
   200 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2554 TELEDYNE-AC2554 Datasheet
131Kb / 1P
   1000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2564 TELEDYNE-AC2564 Datasheet
159Kb / 2P
   100 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2586 TELEDYNE-AC2586 Datasheet
131Kb / 1P
   2000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A3010 MA-COM-A3010 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 kHz to 2500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com