Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4052D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC4052D
Description  Dual 4-channel analog multiplexer, demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4052D Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC4052D Datasheet HTML 1Page - NXP Semiconductors 74HC4052D Datasheet HTML 2Page - NXP Semiconductors 74HC4052D Datasheet HTML 3Page - NXP Semiconductors 74HC4052D Datasheet HTML 4Page - NXP Semiconductors 74HC4052D Datasheet HTML 5Page - NXP Semiconductors 74HC4052D Datasheet HTML 6Page - NXP Semiconductors 74HC4052D Datasheet HTML 7Page - NXP Semiconductors 74HC4052D Datasheet HTML 8Page - NXP Semiconductors 74HC4052D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
2004 Nov 11
4
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer,
demultiplexer
74HC4052; 74HCT4052
PINNING
PIN
SYMBOL
DESCRIPTION
1
2Y0
independent input or output
2
2Y2
independent input or output
3
2Z
common input or output
4
2Y3
independent input or output
5
2Y1
independent input or output
6
E
enable input (active LOW)
7VEE
negative supply voltage
8
GND
ground (0 V)
9
S1
select logic input
10
S0
select logic input
11
1Y3
independent input or output
12
1Y0
independent input or output
13
1Z
common input or output
14
1Y1
independent input or output
15
1Y2
independent input or output
16
VCC
positive supply voltage
handbook, halfpage
4052
MNB039
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
2Y0
2Y2
2Z
2Y3
2Y1
E
VEE
GND
S1
S0
1Y3
1Y0
1Z
1Y1
1Y2
VCC
Fig.1
Pin configuration DIP16, SO16 and
(T)SSOP16.
Fig.2 Pin configuration DHVQFN16.
(1) The die substrate is attached to this pad using conductive die
attach material. It can not be used as a supply pin or input.
001aac117
4052
VCC(1)
VEE
S0
E
1Y3
2Y1
1Y0
2Y3
1Z
2Z
1Y1
2Y2
1Y2
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area


Similar Part No. - 74HC4052D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4052D NXP-74HC4052D Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
74HC4052D NXP-74HC4052D Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Toshiba Semiconductor
74HC4052D TOSHIBA-74HC4052D Datasheet
282Kb / 15P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-12-03 Rev.5.0
logo
Nexperia B.V. All right...
74HC4052D NEXPERIA-74HC4052D Datasheet
374Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 14 - 9 February 2023
74HC4052D-Q100 NEXPERIA-74HC4052D-Q100 Datasheet
891Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
More results

Similar Description - 74HC4052D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com