Electronic Components Datasheet Search |
|
T498B227M025ATE500 Datasheet(PDF) 1 Page - Kemet Corporation |
|
T498B227M025ATE500 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 18 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2053_T498_AUTO • 8/10/2016 1 One world. One KEMET Benefits • Meets or exceeds EIA standard 535BAAC • Taped and reeled per EIA 481 • Symmetrical, compliant terminations • Optional gold-plated terminations • Laser-marked case • 100% surge current testing • Complies with AEC–Q200 • Capacitancevaluesof0.47μFto220μF • Tolerances of ±10% and ±20% • Voltage rating of 4 – 50 VDC • 100% steady-state accelerated aging • Temperature/voltage derating is 2/3 at 150°C • RoHS Compliant and lead-free terminations standard • Operatingtemperaturerangeof−55˚Cto+150˚C Overview The KEMET T498 Series is a high temperature product that offers optimum performance characteristics in applications with operating temperatures up to 150°C. Advanced materials and testing allow this series to perform with a reliability level of 0.5%/1,000 hours at ratedvoltageandtemperature.Thisseriesisclassified as MSL (Moisture Sensitivity Level) 1 under J STD 020: unlimitedfloorlifetimeat≤30°C/85%RH.TheT498Seriesis availableinfivestandardEIAcasesizeswithRoHScompliant terminations as standard. Tantalum Surface Mount Capacitors – Automotive Grade T498 Series Automotive Grade MnO 2 150°C Applications TypicalapplicationsincludedecouplingandfilteringinindustrialandautomotiveendapplicationssuchasDC/DC converters, portable electronics, telecommunications, and control units operating at temperatures up to 150°C. Environmental Compliance RoHS Compliant (6/6) according to Directive 2002/95/EC when ordered with 100% Sn solder. Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - T498B227M025ATE500 |
|
Similar Description - T498B227M025ATE500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |