Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56F8345 Datasheet(PDF) 10 Page - Motorola, Inc

Part # 56F8345
Description  56F8345 16-bit Hybrid Controller
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

56F8345 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button 56F8345 Datasheet HTML 6Page - Motorola, Inc 56F8345 Datasheet HTML 7Page - Motorola, Inc 56F8345 Datasheet HTML 8Page - Motorola, Inc 56F8345 Datasheet HTML 9Page - Motorola, Inc 56F8345 Datasheet HTML 10Page - Motorola, Inc 56F8345 Datasheet HTML 11Page - Motorola, Inc 56F8345 Datasheet HTML 12Page - Motorola, Inc 56F8345 Datasheet HTML 13Page - Motorola, Inc 56F8345 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 148 page
background image
10
56F8345 Technical Data
Preliminary
1.5 Product Documentation
The documents listed in Table 1-2 are required for a complete description and proper design with
the 56F8345. Documentation is available from local Motorola distributors, Motorola
semiconductor
sales
offices,
Motorola
Literature
Distribution
Centers,
or
online
at
http://www.motorola.com/semiconductors.
Table 1-1 Bus Signal Names
Name
Function
Program Memory Interface
pdb_m[15:0]
Program data bus for instruction word fetches or read operations.
cdbw[15:0]
Primary core data bus used for program memory writes. (Only these 16 bits of the cdbw[31:0] bus
are used for writes to program memory.)
pab[20:0]
Program memory address bus. Data is returned on pdb_m bus.
Primary Data Memory Interface Bus
cdbr_m[31:0]
Primary core data bus for memory reads. Addressed via xab1 bus.
cdbw[31:0]
Primary core data bus for memory writes. Addressed via xab1 bus.
xab1[23:0]
Primary data address bus. Capable of addressing bytes1, words, and long data types. Data is written
on cdbw and returned on cdbr_m. Also used to access memory-mapped I/O.
1.
Byte accesses can only occur in the bottom half of the memory address space. The MSB of the address will be forced to 0.
Secondary Data Memory Interface
xdb2_m[15:0]
Secondary data bus used for secondary data address bus xab2 in the dual memory reads.
xab2[23:0]
Secondary data address bus used for the second of two simultaneous accesses. Capable of
addressing only words. Data is returned on xdb2_m.
Peripheral Interface Bus
IPBus [15:0]
Peripheral bus accesses all on-chip peripherals registers. This bus operates at the same clock rate
as the Primary Data Memory and therefore generates no delays when accessing the processor.
Write data is obtained from cdbw. Read data is provided to cdbr_m.
Table 1-2 56F8345 Chip Documentation
Topic
Description
Order Number
DSP56800E
Reference Manual
Detailed description of the 56800E family architecture,
16-bit hybrid controller core processor, and the
instruction set
DSP56800ERM/D
56F8300 Peripherals
Manual
Detailed description of peripherals of the 56F8300
family of devices
MC56F8300UM/D
56F8300 SCI/CAN
Bootloader User Manual
Detailed description of the SCI/CAN Bootloaders
56F8300 family of devices
MC56F83xxBLUM/D
56F8345
Technical Data Sheet
Electrical and timing specifications, pin descriptions,
device specific peripheral information and package
descriptions (this document)
MC56F8345/D
56F8345
Product Brief
Summary description and block diagram of the
56F8345 core, memory, peripherals and interfaces
MC56F8345PB/D
56F8345
Errata
Details any chip issues that might be present
MC56F8345E/D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - 56F8345

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8345 FREESCALE-56F8345 Datasheet
2Mb / 164P
   16-bit Digital Signal Controllers
56F8345 FREESCALE-56F8345 Datasheet
877Kb / 172P
   16-bit Digital Signal Controllers
56F8345 FREESCALE-56F8345_07 Datasheet
877Kb / 172P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F8345

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F805 MOTOROLA-DSP56F805 Datasheet
967Kb / 48P
   16-bit Hybrid Controller
56F827 MOTOROLA-56F827 Datasheet
1Mb / 52P
   56F827 16-bit Hybrid Controller
56F8356 MOTOROLA-56F8356 Datasheet
1Mb / 160P
   56F8356 16-bit Hybrid Controller
56F801 MOTOROLA-56F801 Datasheet
858Kb / 44P
   56F801 16-bit Hybrid Controller
MC56F8346 MOTOROLA-MC56F8346 Datasheet
1Mb / 160P
   56F8346 16-bit Hybrid Controller
56F803 MOTOROLA-56F803 Datasheet
947Kb / 48P
   56F803 16-bit Hybrid Controller
56F8322 MOTOROLA-56F8322 Datasheet
1Mb / 128P
   56F8322 16-bit Hybrid Controller
logo
List of Unclassifed Man...
56F8357 ETC-56F8357 Datasheet
2Mb / 172P
   16-BIT HYBRID CONTROLLERS
logo
Motorola, Inc
MC56F8323 MOTOROLA-MC56F8323 Datasheet
1Mb / 140P
   16-bit Hybrid Controllers
logo
Freescale Semiconductor...
56F8347 FREESCALE-56F8347 Datasheet
1Mb / 176P
   16-BIT HYBRID CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com