Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15ETX06FP Datasheet(PDF) 7 Page - International Rectifier

Part # 15ETX06FP
Description  Hyperfast Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

15ETX06FP Datasheet(HTML) 7 Page - International Rectifier

  15ETX06FP Datasheet HTML 1Page - International Rectifier 15ETX06FP Datasheet HTML 2Page - International Rectifier 15ETX06FP Datasheet HTML 3Page - International Rectifier 15ETX06FP Datasheet HTML 4Page - International Rectifier 15ETX06FP Datasheet HTML 5Page - International Rectifier 15ETX06FP Datasheet HTML 6Page - International Rectifier 15ETX06FP Datasheet HTML 7Page - International Rectifier 15ETX06FP Datasheet HTML 8Page - International Rectifier 15ETX06FP Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
15ETX06, 15ETX06S, 15ETX06-1, 15ETX06FP
Bulletin PD-20652 rev. B 02/04
www.irf.com
10.16 (0.40)
REF.
8.89 (0.35)
4.57 (0.18)
4.32 (0.17)
0.61 (0.02) MAX.
5.08 (0.20) REF.
1.32 (0.05)
1.22 (0.05)
13
6.47 (0.25)
6.18 (0.24)
93°
REF.
2.61 (0.10)
2.32 (0.09)
5.28 (0.21)
4.78 (0.19)
4.69 (0.18)
4.20 (0.16)
0.55 (0.02)
0.46 (0.02)
14.73 (0.58)
15.49 (0.61)
1.40 (0.055)
1.14 (0.045)
3X
0.93 (0.37)
0.69 (0.27)
2X
11.43 (0.45)
17.78 (0.70)
8.89 (0.35)
3.81 (0.15)
2.08 (0.08)
2X
2.54 (0.10)
2X
MINIMUM RECOMMENDED FOOTPRINT
2
Modified JEDEC outline TO-262
Dimensions in millimeters and (inches)
NC
Anode
1
3
2
N/C
Outline Table
Conforms to JEDEC Outline D2PAK
Dimensions in millimeters and (inches)
Anode
1
3
Base
Cathode
2
N/C


Similar Part No. - 15ETX06FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15ETX06FP IRF-15ETX06FP Datasheet
236Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
15ETX06FP VISHAY-15ETX06FP Datasheet
118Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 20-Jun-08
logo
Inchange Semiconductor ...
15ETX06FP ISC-15ETX06FP Datasheet
264Kb / 2P
   Hyperfast Rectifier
logo
Vishay Siliconix
15ETX06FP-N3 VISHAY-15ETX06FP-N3 Datasheet
198Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 02-Jan-11
logo
International Rectifier
15ETX06FPPBF IRF-15ETX06FPPBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
More results

Similar Description - 15ETX06FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 24-Nov-14
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 20-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-10CSH01-M3 VISHAY-VS-10CSH01-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
logo
International Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
   Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
   Hyperfast Rectifier
logo
International Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com