Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15CTQ045S Datasheet(PDF) 6 Page - International Rectifier

Part # 15CTQ045S
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

15CTQ045S Datasheet(HTML) 6 Page - International Rectifier

  15CTQ045S Datasheet HTML 1Page - International Rectifier 15CTQ045S Datasheet HTML 2Page - International Rectifier 15CTQ045S Datasheet HTML 3Page - International Rectifier 15CTQ045S Datasheet HTML 4Page - International Rectifier 15CTQ045S Datasheet HTML 5Page - International Rectifier 15CTQ045S Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
15CTQ... Series
6
Bulletin PD-20240 09/00
www.irf.com
Ordering Information Table
Device Code
1
5
2
4
3
1
-
Essential Part Number
2
-
Common Cathode
3
-
T = TO-220
4
-
Q = Schottky Q Series
5
-
Voltage Rating
6
-S = D2Pak
6
-
-1 = TO-262
15
C
T
Q
045
-1
6
Outline Table
Dimensions in millimeters and (inches)
Modified JEDEC outline TO-262
2
BASE
COMMON
CATHODE
12
3
ANODE
COMMON
CATHODE
ANODE
12
035 = 35V
040 = 40V
045 = 45V


Similar Part No. - 15CTQ045S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15CTQ045S IRF-15CTQ045S Datasheet
263Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
15CTQ045S VISHAY-15CTQ045S Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
15CTQ045S VISHAY-15CTQ045S Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
logo
Inchange Semiconductor ...
15CTQ045S ISC-15CTQ045S Datasheet
264Kb / 2P
   Schottky Rectifier
logo
International Rectifier
15CTQ045SPBF IRF-15CTQ045SPBF Datasheet
263Kb / 7P
   SCHOTTKY RECTIFIER
More results

Similar Description - 15CTQ045S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com