Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15CTQ040S Datasheet(PDF) 5 Page - International Rectifier

Part # 15CTQ040S
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

15CTQ040S Datasheet(HTML) 5 Page - International Rectifier

  15CTQ040S Datasheet HTML 1Page - International Rectifier 15CTQ040S Datasheet HTML 2Page - International Rectifier 15CTQ040S Datasheet HTML 3Page - International Rectifier 15CTQ040S Datasheet HTML 4Page - International Rectifier 15CTQ040S Datasheet HTML 5Page - International Rectifier 15CTQ040S Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
15CTQ... Series
5
Bulletin PD-20240 09/00
www.irf.com
Outline Table
3.78 (0.15)
3.54 (0.14)
10.54 (0.41)
MAX.
DIA.
15.24 (0.60)
14.84 (0.58)
2.92 (0.11)
2.54 (0.10)
1
TERM 2
14.09 (0.55)
13.47 (0.53)
3.96 (0.16)
3.55 (0.14)
0.94 (0.04)
0.69 (0.03)
4.57 (0.18)
4.32 (0.17)
3
0.61 (0.02) MAX.
5.08 (0.20) REF.
1.32 (0.05)
1.22 (0.05)
6.48 (0.25)
6.23 (0.24)
0.10 (0.004)
1.40 (0.05)
1.15 (0.04)
2.89 (0.11)
2.64 (0.10)
1
3
2.04 (0.080) MAX.
2
2
Dimensions in millimeters and (inches)
Conform to JEDEC outline TO-220AB
2
BASE
COMMON
CATHODE
12
3
ANODE
COMMON
CATHODE
ANODE
12
10.16 (0.40)
REF.
8.89 (0.35)
4.57 (0.18)
4.32 (0.17)
0.61 (0.02) MAX.
5.08 (0.20) REF.
1.32 (0.05)
1.22 (0.05)
13
6.47 (0.25)
6.18 (0.24)
93°
REF.
2.61 (0.10)
2.32 (0.09)
5.28 (0.21)
4.78 (0.19)
4.69 (0.18)
4.20 (0.16)
0.55 (0.02)
0.46 (0.02)
14.73 (0.58)
15.49 (0.61)
1.40 (0.055)
1.14 (0.045)
3X
0.93 (0.37)
0.69 (0.27)
2X
11.43 (0.45)
17.78 (0.70)
8.89 (0.35)
3.81 (0.15)
2.08 (0.08)
2X
2.54 (0.10)
2X
MINIMUM RECOMMENDED FOOTPRINT
2
Dimensions in millimeters and (inches)
Conform to JEDEC outline D2Pak (SMD-220)
2
BASE
COMMON
CATHODE
12
3
ANODE
COMMON
CATHODE
ANODE
12


Similar Part No. - 15CTQ040S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15CTQ040S IRF-15CTQ040S Datasheet
263Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
15CTQ040S VISHAY-15CTQ040S Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
15CTQ040S VISHAY-15CTQ040S Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
logo
Inchange Semiconductor ...
15CTQ040S ISC-15CTQ040S Datasheet
264Kb / 2P
   Schottky Rectifier
logo
International Rectifier
15CTQ040SPBF IRF-15CTQ040SPBF Datasheet
263Kb / 7P
   SCHOTTKY RECTIFIER
More results

Similar Description - 15CTQ040S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com