Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIE804DF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIE804DF
Description  N-Channel 150-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIE804DF Datasheet(HTML) 3 Page - Vishay Siliconix

  SIE804DF Datasheet HTML 1Page - Vishay Siliconix SIE804DF Datasheet HTML 2Page - Vishay Siliconix SIE804DF Datasheet HTML 3Page - Vishay Siliconix SIE804DF Datasheet HTML 4Page - Vishay Siliconix SIE804DF Datasheet HTML 5Page - Vishay Siliconix SIE804DF Datasheet HTML 6Page - Vishay Siliconix SIE804DF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 69091
S09-0143-Rev. A, 02-Feb-09
www.vishay.com
3
Vishay Siliconix
SiE804DF
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
5
10
15
20
25
0.0
0.4
0.8
1.2
1.6
2.0
VGS =10thru 4 V
VGS =3 V
VDS - Drain-to-Source Voltage (V)
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0
5
10
15
20
25
VGS =6 V
VGS =10 V
ID - Drain Current (A)
0
2
4
6
8
10
020
40
60
80
ID =7.6 A
VDS =120 V
VDS =75 V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
012
3
4
TC = 25 °C
TC = 125 °C
TC =- 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
1000
2000
3000
4000
5000
020
40
60
80100
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.4
0.8
1.2
1.6
2.0
2.4
- 50
- 25
0
25
50
75
100
125
150
VGS =6 V;10 V
ID =7.6 A
TJ -Junction Temperature (°C)


Similar Part No. - SIE804DF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIE800DF VISHAY-SIE800DF Datasheet
118Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. D, 08-May-06
SIE800DF-T1-E3 VISHAY-SIE800DF-T1-E3 Datasheet
169Kb / 10P
   N-Channel 30 V (D-S) MOSFET
Rev. G, 14-Feb-11
SIE802DF VISHAY-SIE802DF Datasheet
196Kb / 10P
   N-Channel 30-V (D-S) MOSFET
Rev. E, 13-Jul-09
SIE802DF VISHAY-SIE802DF Datasheet
195Kb / 10P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SIE802DF VISHAY-SIE802DF_V01 Datasheet
195Kb / 10P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIE804DF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
   N-Channel 150 V (D-S) MOSFET
Rev. B, 30-Sep-13
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
   N-Channel 150 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
   N-Channel 150-V (D-S) MOSFET
Rev. F, 06-Apr-09
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 26-May-03
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM1158N VBSEMI-VBM1158N Datasheet
658Kb / 8P
   N-Channel 150 V (D-S) MOSFET
15T15GH-HF VBSEMI-15T15GH-HF Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com