Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5594 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC5594
Description  Silicon NPN Epitaxial High Frequency Low Noise Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5594 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC5594 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5594 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5594 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5594 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5594 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5594 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5594 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5594 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC5594
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
12
V
Collector to emitter voltage
V
CEO
4.5
V
Emitter to base voltage
V
EBO
0.8
V
Collector current
I
C
35
mA
Collector power dissipation
Pc
100
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector to base breakdown
voltage
V
(BR)CBO
12
——V
I
C = 10 µA , IE = 0
Collector cutoff current
I
CBO
——
1
µAV
CB = 10 V , IE = 0
Collector cutoff current
I
CEO
——
1
µAV
CE = 4 V , RBE = ∞
Emitter cutoff current
I
EBO
——
12
µAV
EB = 0.8 V , IC = 0
DC current transfer ratio
h
FE
60
100
140
V
V
CE = 2 V , IC = 20 mA
Collector output capacitance
Cob
0.3
0.6
pF
V
CB = 2 V , IE = 0
f = 1 MHz
Gain bandwidth product
f
T
21
24
GHz
V
CE = 2 V , IC = 30 mA
f = 2 GHz
Power gain
PG
14
18
dB
V
CE = 2 V, IC = 30 mA
f = 1.8 GHz
Noise figure
NF
1.2
1.6
dB
V
CE = 2 V, IC = 5 mA
f = 1.8 GHz


Similar Part No. - 2SC5594

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5594 RENESAS-2SC5594 Datasheet
89Kb / 8P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier
2SC5594XP-TL-E RENESAS-2SC5594XP-TL-E Datasheet
89Kb / 8P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier
More results

Similar Description - 2SC5594

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5593 RENESAS-2SC5593 Datasheet
176Kb / 10P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier
2SC5624 RENESAS-2SC5624 Datasheet
198Kb / 7P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier
2SC5594 RENESAS-2SC5594 Datasheet
89Kb / 8P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier
2SC5623 RENESAS-2SC5623 Datasheet
176Kb / 10P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier
logo
Hitachi Semiconductor
2SC5624 HITACHI-2SC5624 Datasheet
105Kb / 8P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier
logo
NEC
2SC2570A NEC-2SC2570A Datasheet
119Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
UPA800T RENESAS-UPA800T Datasheet
211Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC5820 RENESAS-2SC5820 Datasheet
147Kb / 11P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
UPA801T RENESAS-UPA801T Datasheet
217Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA810T RENESAS-UPA810T Datasheet
223Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com