Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1778A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. 2N1778A
Description  SCRs
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 1 page
background image
SCRs
(Continued)
182
www.centralsemi.com
IT (AMPS)
8.0
10
12
@ TC (oC)
90
100
100
90
90
ITSM (AMPS)
90
100
100
100
120
CASE
TO-220
TO-64
TO-220**
VRRM (VOLTS)
25
2N1770,A
2N4167
50
2N1771,A
2N4168
100
2N1772,A
2N4169
150
2N1773,A
200
CS220-8B
2N1774,A
2N4170
CS220-10B
CS220-12B
250
2N1775,A
300
2N1776,A
2N4171
400
CS220-8D
2N1777,A
2N4172
CS220-10D
CS220-12D
500
2N1778,A
2N4173
600
CS220-8M
2N2619
2N4174
CS220-10M
CS220-12M
800
CS220-8N
CS220-10N
CS220-12N
1000
CS220-12P
IGT
15mA
15mA
30mA
15mA
15mA
VGT
1.5V
1.5V
1.5V
1.5V
1.5V
IH
30mA
25mA
30mA
30mA
30mA
**Available in TO-220FP Full Pak upon request.




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TYNX40-140A SCRs 1 2 3 4 STMicroelectronics
ID100SCRs .5 Amp Planar 1 2 3 Microsemi Corporation
MCR225-8FPISOLATED SCRs 25 AMPERES RMS 600 thru 800 VOLTS 1 2 3 4 5 MoreON Semiconductor
2N6394SCRs 12 AMPERES RMS 50 thru 800 VOLTS 1 2 3 4 5 MoreMotorola, Inc
TYNX4040A SCRs 1 2 3 4 STMicroelectronics
ID200SCRs 1.6 Amp Planear 1 2 Microsemi Corporation
P0102AL0.25A SCRs 1 2 3 4 5 MoreSTMicroelectronics
BRX44SCRs 0.8 AMPERE RMS 30 TO 400 VOLTS 1 2 3 4 Motorola, Inc
X021.25A SCRs 1 2 3 4 5 MoreSTMicroelectronics
2N68125 and 35 Amp RMS SCRs 1 2 3 4 5 MoreKnox Semiconductor, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl