Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1060893 Datasheet(PDF) 3 Page - SICK AG

Part # 1060893
Description  IMAGE-BASED CODE READERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1060893 Datasheet(HTML) 3 Page - SICK AG

  1060893 Datasheet HTML 1Page - SICK AG 1060893 Datasheet HTML 2Page - SICK AG 1060893 Datasheet HTML 3Page - SICK AG 1060893 Datasheet HTML 4Page - SICK AG 1060893 Datasheet HTML 5Page - SICK AG 1060893 Datasheet HTML 6Page - SICK AG 1060893 Datasheet HTML 7Page - SICK AG 1060893 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
V2D654R-MEWHA6 Dynamic Focus | Lector65x
IMAGE-BASED CODE READERS
Interfaces
Ethernet TCP/IP
Function Host, AUX, FTP (image transmission)
Data transmission rate 10/100/1,000 Mbit/s
PROFINET
Function PROFINET Dual Port (optional via external connection module CDF600-2)
EtherNet/IP™
Data transmission rate 10/100/1,000 Mbit/s
Serial
✔, RS-232, RS-422
Function Host, AUX
Data transmission rate 0.3 kBaud ... 115.2 kBaud, AUX: 57.6 kBaud (RS-232)
CAN
Function SICK CAN sensor network (Master/Slave, Multiplexer/Server)
Data transmission rate 20 kbit/s ... 1 Mbit/s
PROFIBUS DP
Type of fieldbus integration Optional over external fieldbus module CDF600-2
USB
Remark USB 2.0
Switching inputs
4 (“Sensor 1”, “Sensor 2”, 2 inputs via optional CMC600 parameter memory in CDB650/
CDM420)
Configurable inputs
Encoder input, external trigger
Switching outputs
6 (CDB650: “Result 1”, “Result 2”, “Result 3”, “Result 4”, 2 external outputs via CMC600 or
CDM420: “Result 1”, “Result 2”, 2 external outputs via CMC600 or cable with open end: “Re-
sult 1”, “Result 2”, “Result 3”, “Result 4”)
Configurable outputs
Good read, External illumination control, free configurable output condition, "device ready"
Reading pulse
Switching inputs, non-powered, serial interface, Ethernet, CAN, auto pulse, presentation mode
Optical indicators
21 LEDs (10 x status display, 10 x LED bar graph, 1 green feedback spot)
Acoustic indicators
Beeper/buzzer (can be switched off, can be assigned a function to signal a result)
Operating elements
2 buttons (choose and start/stop functions)
Configuration software
SOPAS ET
Memory card
Micro SD memory card (flash card) max. 16 GB, optional
Data storage and retrieval
Image and data storage via microSD memory card, internal storage and external FTP
Maximum encoder frequency
1 kHz
External illumination control
Via digital output (max. 24 V trigger) or via external illumination connector
Mechanics/electronics
Electrical connection
1 x M12, 17-pin plug (serial, CAN, I/Os, power supply)
2 x M12, 8-pin socket (Ethernet, P1 not yet with function)
1 x M8, 4-pin socket (USB)
Operating voltage
24 V DC, ± 20 %
Power consumption
Typ. 20 W, ± 20 %
Output current
≤ 100 mA
Housing
Aluminum die cast
Housing color
Light blue (RAL 5012)
Enclosure rating
IP65 (EN 60529 (1991-10), EN 60529/A2 (2002-02))
2017-03-21 14:30:08 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
3


Similar Part No. - 1060893

ManufacturerPart #DatasheetDescription
logo
SICK AG
1060892 SICK-1060892 Datasheet
685Kb / 9P
   IMAGE-BASED CODE READERS
More results

Similar Description - 1060893

ManufacturerPart #DatasheetDescription
logo
SICK AG
V2D642R-MCXXA6 SICK-V2D642R-MCXXA6 Datasheet
936Kb / 9P
   IMAGE-BASED CODE READERS
V2D642R-MCXXH6 SICK-V2D642R-MCXXH6 Datasheet
767Kb / 10P
   IMAGE-BASED CODE READERS
V2D654R-MCXXH6 SICK-V2D654R-MCXXH6 Datasheet
672Kb / 9P
   IMAGE-BASED CODE READERS
V2D631R-MKMDB4 SICK-V2D631R-MKMDB4 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D631R-MXSXB0 SICK-V2D631R-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
V2D632D-MXCXB0 SICK-V2D632D-MXCXB0 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D632D-MXSXB0 SICK-V2D632D-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
ICR620C-T11503S50 SICK-ICR620C-T11503S50 Datasheet
805Kb / 9P
   IMAGE-BASED CODE READERS
ICR620D-T31503 SICK-ICR620D-T31503 Datasheet
799Kb / 9P
   IMAGE-BASED CODE READERS
ICR620S-T16503 SICK-ICR620S-T16503 Datasheet
796Kb / 9P
   IMAGE-BASED CODE READERS
V2D654D-MCXXA6 SICK-V2D654D-MCXXA6 Datasheet
902Kb / 9P
   IMAGE-BASED CODE READERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com