Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1074301 Datasheet(PDF) 2 Page - SICK AG

Part # 1074301
Description  IMAGE-BASED CODE READERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1074301 Datasheet(HTML) 2 Page - SICK AG

  1074301 Datasheet HTML 1Page - SICK AG 1074301 Datasheet HTML 2Page - SICK AG 1074301 Datasheet HTML 3Page - SICK AG 1074301 Datasheet HTML 4Page - SICK AG 1074301 Datasheet HTML 5Page - SICK AG 1074301 Datasheet HTML 6Page - SICK AG 1074301 Datasheet HTML 7Page - SICK AG 1074301 Datasheet HTML 8Page - SICK AG 1074301 Datasheet HTML 9Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
V2D632R-MWSFB4 Flex | Lector63x
IMAGE-BASED CODE READERS
Illustration may differ
Ordering information
Type
Part no.
V2D632R-MWSFB4 Flex
1074301
Other models and accessories
www.sick.com/Lector63x
Detailed technical data
Features
Focus
Adjustable focus (manually)
Sensor
CMOS matrix sensor, grayscale values
Sensor resolution
1,600 px x 1,200 px
Light source
Illumination LEDs: white (λ = 6,000 K ± 500 K)
Feedback spot: visible green light (λ = 525 nm ± 15 nm), visible red light (λ = 630 ± 20 nm),
RG 1 
Aiming laser: visible red light (λ = 630 nm ... 680 nm)
Laser class
1, complies with 21 CFR 1040.10 except for the tolerance according to “Laser Notice No. 50”
from June 24, 2007 (IEC 60825-1 (2007-3))
Scanning frequency
≤ 50 Hz, at 1.9 megapixels resolution
Code resolution
≥ 0.1 mm 1)
Reading distance
50 mm ... 2,200 mm 1)
1) Depends on lens used, for details see field of view diagram.
Performance
Readable code structures
1D, 2D, Stacked
Bar code types
GS1-128 / EAN 128, UPC / GTIN / EAN, Interleaved 2 of 5, Pharmacode, GS1 DataBar, Code
39, Code 128, Codabar, Code 32, Code 93, USPS (Postnet, Planet, USPS4SCB), Australian
Post, Dutch KIX Post, Royal Mail, Swedish Post
2D code types
Data Matrix ECC200, GS1 Data-Matrix, MaxiCode, QR code
Stacked code types
PDF417
Code qualification
On the basis of ISO/IEC 16022, ISO/IEC 15415, ISO/IEC 18004
Interfaces
Ethernet TCP/IP
✔, TCP/IP
Function Host, AUX, FTP (image transmission)
Data transmission rate 10/100/1,000 Mbit/s
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-04-07 16:36:27
Subject to change without notice


Similar Part No. - 1074301

ManufacturerPart #DatasheetDescription
logo
SICK AG
1074300 SICK-1074300 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
More results

Similar Description - 1074301

ManufacturerPart #DatasheetDescription
logo
SICK AG
V2D642R-MCXXA6 SICK-V2D642R-MCXXA6 Datasheet
936Kb / 9P
   IMAGE-BASED CODE READERS
V2D642R-MCXXH6 SICK-V2D642R-MCXXH6 Datasheet
767Kb / 10P
   IMAGE-BASED CODE READERS
V2D654R-MCXXH6 SICK-V2D654R-MCXXH6 Datasheet
672Kb / 9P
   IMAGE-BASED CODE READERS
V2D631R-MKMDB4 SICK-V2D631R-MKMDB4 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D631R-MXSXB0 SICK-V2D631R-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
V2D632D-MXCXB0 SICK-V2D632D-MXCXB0 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D632D-MXSXB0 SICK-V2D632D-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
ICR620C-T11503S50 SICK-ICR620C-T11503S50 Datasheet
805Kb / 9P
   IMAGE-BASED CODE READERS
ICR620D-T31503 SICK-ICR620D-T31503 Datasheet
799Kb / 9P
   IMAGE-BASED CODE READERS
ICR620S-T16503 SICK-ICR620S-T16503 Datasheet
796Kb / 9P
   IMAGE-BASED CODE READERS
V2D654D-MCXXA6 SICK-V2D654D-MCXXA6 Datasheet
902Kb / 9P
   IMAGE-BASED CODE READERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com