Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCAS222022F400DP Datasheet(PDF) 1 Page - AVX Corporation

Part # VCAS222022F400DP
Description  Multilayer Varistors for Automotive Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS222022F400DP Datasheet(HTML) 1 Page - AVX Corporation

  VCAS222022F400DP Datasheet HTML 1Page - AVX Corporation VCAS222022F400DP Datasheet HTML 2Page - AVX Corporation VCAS222022F400DP Datasheet HTML 3Page - AVX Corporation VCAS222022F400DP Datasheet HTML 4Page - AVX Corporation VCAS222022F400DP Datasheet HTML 5Page - AVX Corporation VCAS222022F400DP Datasheet HTML 6Page - AVX Corporation VCAS222022F400DP Datasheet HTML 7Page - AVX Corporation VCAS222022F400DP Datasheet HTML 8Page - AVX Corporation VCAS222022F400DP Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
14
012317
TransGuard
® Automotive Series
Multilayer Varistors for Automotive Applications
GENERAL DESCRIPTION
The TransGuard Automotive Series are zinc oxide (ZnO) based ceramic semicon-
ductor devices with non-linear, bi-directional voltage-current characteristics.
They have the advantage of offering bi-directional overvoltage protection as well as
EMI/RFI attenuation in a single SMT package. The Automotive Series high current
and high energy handling capability make them well suited for protection against
automotive related transients.
AVX VG series parts (large case size, high energy) are glass encapsulated. These
parts provide the same high reliability as traditional VC series parts. The glass
encapsulation provides also enhanced resistance against harsh environment or
process such as acids, salts, chlorite flux.
Operating Temperature: -55ºC to +125ºC
FEATURES
• High Reliability
• High Energy Absorption (Load Dump)
• High Current Handling
• AEC Q200 Qualified
• Bi-Directional protection
• EMI/RFI attenuation
• Multi-strike capability
• Sub 1nS response to ESD strike
APPLICATIONS
• Internal Combustion Engine (ICE) Vehicles
• Hybrid Electric Vehicles (HEV)
• Plug-in Hybrid Electric Vehicles (PHEV)
• Commercial Vehicles
– CAN, LIN, FLEXRAY based modules
– Sensors
– Module load dump protection
– Motor/inductive load transient suppression
HOW TO ORDER
*Not available for 0402
**Only available for 0402
LEAD-FREE COMPATIBLE
COMPONENT
VC
Varistor Chip
VC = Varistor Chip
VG = Varistor Glass
Encapsulated
Chip
AS
Automotive
Series
1206
Case
Size
0402
0603
0805
1206
1210
1812
2220
3220
18
Working
Voltage
400
Clamping
Voltage
R
Package
D = 7" (1000)*
R = 7" (4000)*
T = 13" (10,000)*
W = 7" (10,000)**
0402 only
03 = 3.3Vdc
05 = 5.6Vdc
09 = 9Vdc
12 = 12Vdc
14 = 14Vdc
16 = 16Vdc
18 = 18Vdc
22 = 22Vdc
26 = 26Vdc
30 = 30Vdc
31 = 31Vdc
34 = 34Vdc
38 = 38Vdc
42 = 42Vdc
45 = 45Vdc
48 = 48Vdc
56 = 56Vdc
60 = 60Vdc
65 = 65Vdc
85 = 85Vdc
A = 0.1J
B = 0.2J
C = 0.3J
D = 0.4J
E = 0.5J
F = 0.7J
H = 1.2J
J = 1.5J
K = 0.6J
L = 0.8J
S = 1.9-2.0J
X = 0.05J
M = 1J
N = 1.1J
U = 4.0-5.0J
P = 2.5-3.7J
Y = 6.5-12J
P
Termination
P = Ni/Sn plated
140 = 14V
150 = 18V
220 = 22V
250 = 27V
300 = 32V
380 = 38V
390 = 42V
400 = 42V
440 = 44V
490 = 49V
540 = 54V
570 = 57V
580 = 60V
620 = 67V
650 = 67V
770 = 77V
800 = 80V
900 = 90V
101 = 100V
111 = 110V
131 = 135V
151 = 150V
D
Energy
Rating


Similar Part No. - VCAS222022F400DP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS222016Y400 AVX-VCAS222016Y400 Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
VCAS222034Y770 AVX-VCAS222034Y770 Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
More results

Similar Description - VCAS222022F400DP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS060318A400DP AVX-VCAS060318A400DP Datasheet
763Kb / 8P
   Multilayer Varistors for Automotive Applications
VGAS181216P400RP AVX-VGAS181216P400RP Datasheet
116Kb / 2P
   Multilayer Varistors for Automotive Applications
VCAS06LC18X500RP AVX-VCAS06LC18X500RP Datasheet
515Kb / 3P
   StaticGuard Automotive Series Multilayer Varistors for Automotive Applications
VCAS06AG183R0YATRP AVX-VCAS06AG183R0YATRP Datasheet
362Kb / 3P
   AntennaGuard Automotive Series Multilayer Varistors for Automotive Applications
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
EZJZ0V80010 PANASONIC-EZJZ0V80010_17 Datasheet
172Kb / 8P
   Multilayer Varistors
EZJ-Z0V80010 PANASONIC-EZJ-Z0V80010 Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZSV270EAK PANASONIC-EZJZSV270EAK Datasheet
592Kb / 7P
   Multilayer Varistors
logo
Littelfuse
V30MLA0805LNA LITTELFUSE-V30MLA0805LNA Datasheet
729Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Automotive Series
V9MLA0603LNR LITTELFUSE-V9MLA0603LNR Datasheet
1,013Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Automotive Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com