Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC580 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # AC580
Description  10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC580 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  AC580 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC580 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
Rev. 5/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
TO-8 Package for Amplifiers
SMTO-8 Package for Amplifiers
AC580
10 TO 500 MHz
TO-8 CASCADABLE AMPLIFIER
AC580
Typical Values
AC580
Ultra Low Noise Figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.2 dB
HIgh Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
22.8 dB
High Performance Thin Film
Standard Size TO-8
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
5-500 MHz
10-500 MHz
10-500 MHz
Typical @ 25 °C
AC580
Second Order Harmonic Intercept Point . . . . . . . . .
+33 dBm
Second Order Two Tone Intercept Point. . . . . . . . . .
+27 dBm
Third Order Two Tone Intercept Point. . . . . . . . . . . .
+22 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to +125 °C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+19 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+10 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . . .
50 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Thermal Resistance1 (θjc) . . . . . . . . . . . . . . . . . . . . . . . . . . .
+36 °C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . . .
+10.3 °C
1 Thermal resistance is based on total power dissipation.
AS580
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
^ 0.5 dBm less below 20 MHz.
Small Signal Gain (Min.)
22.8 dB
21.8 dB
21.3 dB
Gain Flatness (Max.)
< ±0.5 dB
±0.7 dB
±0.8 dB
Noise Figure (Max.)
2.2 dB
2.7 dB
3.2 dB
SWR (Max.)
Input/Output
< 1.6:1
2.0:1
2.0:1
Power Output (Min.)
@ 1dB comp.
+9.7 dBm
+7.5^ dBm
+7.0^ dBm
DC Current (Max.)
17 mA
20 mA
22 mA


Similar Part No. - AC580

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC581 TELEDYNE-AC581 Datasheet
175Kb / 2P
   20 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
AC582 TELEDYNE-AC582 Datasheet
175Kb / 2P
   20 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
AC583 TELEDYNE-AC583 Datasheet
174Kb / 2P
   10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC580

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A513 MACOM-A513 Datasheet
98Kb / 1P
   10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC583 TELEDYNE-AC583 Datasheet
174Kb / 2P
   10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AP560 TELEDYNE-AP560 Datasheet
186Kb / 2P
   10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AP561 TELEDYNE-AP561 Datasheet
182Kb / 2P
   10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
RA89-1 MA-COM-RA89-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
Tyco Electronics
A53 MACOM-A53 Datasheet
354Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A513 MA-COM-A513 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
Tyco Electronics
A515 MACOM-A515 Datasheet
405Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
RA76 MACOM-RA76 Datasheet
484Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
A57 MACOM-A57 Datasheet
108Kb / 1P
   10 TO 500 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com