Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02KR105-K0AS3 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 02KR105-K0AS3
Description  ADAPTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

02KR105-K0AS3 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  02KR105-K0AS3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 02KR105-K0AS3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
ADAPTOR
RPC-2.92 JACK – RPC-N 50
Ω JACK
02KR105-K0AS3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
f(GHz)
Electrical data
Impedance
50
Ω
Frequency
DC to 18 GHz
Return loss
≥ 26 dB, DC to 18 GHz
Insertion loss
≤ 0.04 x
dB
Insulation resistance
≥ 5 GΩ
Center contact resistance RPC-2.92
≤ 3.0 mΩ
Outer contact resistance RPC-2.92
≤ 2.0 mΩ
Center contact resistance RPC-N
≤ 1.0 mΩ
Outer contact resistance RPC-N
≤ 1.0 mΩ
Test voltage
750 V rms
Working voltage
250 V rms
RF-leakage
≥ 90 dB up to 1 GHz
Mechanical data
Mating cycles
≥ 500
Center contact captivation
≥ 28 N
Coupling test torque RPC-2.92
1.70 Nm
Recommended torque RPC-2.92
0.80 Nm to 1.10 Nm
Coupling test torque RPC-N
1.70 Nm
Recommended torque RPC-N
0.70 Nm to 1.10 Nm
Recommended torque ruggedized nut
1.36 Nm
Environmental data
Temperature range
-40°C to +85°C
Thermal shock
MIL-STD-202, Method 107, Condition B
Corrosion
MIL-STD-202, Method 101, Condition B
Vibration
MIL-STD-202, Method 204, Condition D
Shock
MIL-STD-202, Method 213, Condition I
Moisture resistance
MIL-STD-202, Method 106
2002/95/EC (RoHS)
compliant
Tooling
N/A
Suitable cables
N/A
Packing
Standard
1 pce in box
Weight
56.1 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Martin Moder
22/04/10
Herbert Babinger
13/08/10
a00
10-s518
Maik Knoll
12/08/10
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 02KR105-K0AS3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
02KR105-S0AS3 ROSENBERGER-02KR105-S0AS3 Datasheet
53Kb / 2P
   ADAPTOR
More results

Similar Description - 02KR105-K0AS3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
18K107-K00L5 ROSENBERGER-18K107-K00L5 Datasheet
109Kb / 2P
   Adaptor
53S101-S00N5 ROSENBERGER-53S101-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
28K132-S00N5 ROSENBERGER-28K132-S00N5 Datasheet
56Kb / 2P
   ADAPTOR
01S108-K00D3 ROSENBERGER-01S108-K00D3 Datasheet
514Kb / 2P
   Adaptor
02K108-K00S3 ROSENBERGER-02K108-K00S3 Datasheet
170Kb / 2P
   ADAPTOR
03K105-K00S3 ROSENBERGER-03K105-K00S3 Datasheet
76Kb / 2P
   ADAPTOR
28K160-S00N5 ROSENBERGER-28K160-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
03S109-K00S3 ROSENBERGER-03S109-K00S3 Datasheet
195Kb / 2P
   ADAPTOR
03K109-S00S3 ROSENBERGER-03K109-S00S3 Datasheet
191Kb / 2P
   ADAPTOR
09KR102-S0AS3 ROSENBERGER-09KR102-S0AS3 Datasheet
765Kb / 2P
   ADAPTOR
02KR107-P0AS3 ROSENBERGER-02KR107-P0AS3 Datasheet
262Kb / 2P
   ADAPTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com