Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8475EDB Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SI8475EDB
Description  P-Channel 20 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8475EDB Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SI8475EDB Datasheet HTML 4Page - Vishay Siliconix SI8475EDB Datasheet HTML 5Page - Vishay Siliconix SI8475EDB Datasheet HTML 6Page - Vishay Siliconix SI8475EDB Datasheet HTML 7Page - Vishay Siliconix SI8475EDB Datasheet HTML 8Page - Vishay Siliconix SI8475EDB Datasheet HTML 9Page - Vishay Siliconix SI8475EDB Datasheet HTML 10Page - Vishay Siliconix SI8475EDB Datasheet HTML 11Page - Vishay Siliconix SI8475EDB Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 27-Apr-15
1
Document Number: 69378
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MICRO FOOT®: 4-Bumps
(1.6 mm x 1.6 mm, 0.8 mm Pitch, 0.290 mm Bump Height)
Notes
1. Bumps are 95.5/3.8/0.7 Sn/Ag/Cu.
2. Backside surface is coated with a Ti/Ni/Ag layer.
3. Non-solder mask defined copper landing pad.
4. Laser marks on the silicon die back.
5. “b1” is the diameter of the solderable substrate surface, defined by an opening in the solder resist layer solder mask defined.
6. • is the location of pin 1
Note
• Use millimeters as the primary measurement.
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.550
0.575
0.600
0.0217
0.0226
0.0236
A1
0.260
0.275
0.290
0.0102
0.0108
0.0114
A2
0.290
0.300
0.310
0.0114
0.0118
0.0122
b
0.370
0.390
0.410
0.0146
0.0153
0.0161
b1
0.300
0.0118
e
0.800
0.0314
s
0.360
0.380
0.400
0.0141
0.0150
0.0157
D
1.520
1.560
1.600
0.0598
0.0614
0.0630
E
1.520
1.560
1.600
0.0598
0.0614
0.0630
K
0.155
0.185
0.215
0.0061
0.0073
0.0085
ECN: T15-0175-Rev. A, 27-Apr-15
DWG: 6038
4x Ø b1
D
S
e
S
Mark on backside of die
XXXX
G
S
D
D
XXX
Note 5
Recommended land pattern
e
4x 0.30 to .31
(Note 3)
Solder mask-0.4
b
K
b1


Similar Part No. - SI8475EDB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8472DB VISHAY-SI8472DB Datasheet
132Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 11-Jul-11
SI8472DB VISHAY-SI8472DB Datasheet
159Kb / 8P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI8472DB-T2-E1 VISHAY-SI8472DB-T2-E1 Datasheet
132Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 11-Jul-11
SI8472DB VISHAY-SI8472DB_V01 Datasheet
159Kb / 8P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI8473EDB VISHAY-SI8473EDB Datasheet
254Kb / 12P
   P-Channel 20 V (D-S) MOSFET
Rev. D, 20-Jul-15
More results

Similar Description - SI8475EDB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com