Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27PC128-12JE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS27PC128-12JE4
Description  131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27PC128-12JE4 Datasheet(HTML) 3 Page - Texas Instruments

  TMS27PC128-12JE4 Datasheet HTML 1Page - Texas Instruments TMS27PC128-12JE4 Datasheet HTML 2Page - Texas Instruments TMS27PC128-12JE4 Datasheet HTML 3Page - Texas Instruments TMS27PC128-12JE4 Datasheet HTML 4Page - Texas Instruments TMS27PC128-12JE4 Datasheet HTML 5Page - Texas Instruments TMS27PC128-12JE4 Datasheet HTML 6Page - Texas Instruments TMS27PC128-12JE4 Datasheet HTML 7Page - Texas Instruments TMS27PC128-12JE4 Datasheet HTML 8Page - Texas Instruments TMS27PC128-12JE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
FUNCTION
TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27PC128 131 072-BIT PROGRAMMABLE READ-ONLY MEMORY
SMLS128E–OCTOBER 1984–REVISED JANUARY 1993
POST OFFICE BOX 1443
HOUSTON, TEXAS
77251–1443
3
operation
The seven modes of operation are listed in the following table. Read mode requires a single 5-V supply. All
inputs are TTL level except for VPP during programming (13 V for SNAP! Pulse), and 12 V on A9 for the signature
mode.
MODE
READ
OUTPUT
DISABLE
STANDBY
PROGRAMMING
VERIFY
PROGRAM
INHIBIT
SIGNATURE
MODE
E
VIL
VIL
VIH
VIL
VIL
VIH
VIL
G
VIL
VIH
X†
VIH
VIL
X
VIL
PGM
VIH
VIH
X
VIL
VIH
X
VIH
VPP
VCC
VCC
VCC
VPP
VPP
VPP
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
A9
X
X
X
X
X
X
VH
VH‡
A0
X
X
X
X
X
X
VIL
VIH
CODE
DQ0–DQ7
Data Out
HI-Z
HI-Z
Data In
Data Out
HI-Z
MFG
DEVICE
97
83
† X can be VIL or VIH.
VH = 12 V ± 0.5 V.


Similar Part No. - TMS27PC128-12JE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC128 TI-TMS27PC128 Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27PC128FML TI1-TMS27PC128FML Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
More results

Similar Description - TMS27PC128-12JE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
MBM2716 FUJITSU-MBM2716 Datasheet
384Kb / 5P
   UV ERASABLE 16,384-BIT READ ONLY MEMORY
logo
Austin Semiconductor
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
   256K UVEPROM UV Erasable Programmable Read-Only Memory
logo
Fujitsu Component Limit...
MBM27C1028-15 FUJITSU-MBM27C1028-15 Datasheet
487Kb / 12P
   CMOS 1048576 BIT UV ERASABLE READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com