Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2KBB05 Datasheet(PDF) 2 Page - International Rectifier

Part # 2KBB05
Description  1.9A single phase rectifier bridge
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

2KBB05 Datasheet(HTML) 2 Page - International Rectifier

  2KBB05 Datasheet HTML 1Page - International Rectifier 2KBB05 Datasheet HTML 2Page - International Rectifier 2KBB05 Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
I
O
Maximum DC output current
1.9
A
T
C = 45°C, Resistive & inductive load
1.5
TC = 45°C, Capacitive load
I
FSM
Maximum peak, one-cycle
50
t = 6ms
non-repetitive surge current,
52
t = 5ms
I
2t
Maximum I
2t for fusing,
12.5
A
2s
t = 10ms
initial T
J
= T
J
max
11.3
t = 8.3ms
17.7
A
2s
t = 10ms
16.1
t = 8.3ms
I
2
√t
Maximum I
2
√t capability
177
A
2
√s
V
RRM
following surge = 0, t = 0.1 to 10 ms
for fusing
I
2t for time t
x = I2√ t .√tx
V
FM
Maximum peak forward voltage
1.1
V
I
O
= 1.9A (3.0 A pk)
per diode
f
Operatingfrequencyrange
40 to 2000
Hz
Electrical Specification
Forward Conduction
V
RRM
, V
RSM
I
RM
, typical peak
Application data (see figure 3)
Part number
max. peak
rev. current per diode
V
RSM
max.
C
max
max.
R
min
min.
rev. voltage
at rated V
RRM
recommended AC
load
source
T
J
= 15°C
T
J
= 150°C
supply voltage
capacitance
resistance
VµA
µA
V
µF
Reverse voltage ratings and application data
Parameters
2KBB...
Unit
Conditions
Thermal and Mechanical Specifications
T
J
Operating and storage
-40 to 150
oC
Tstg
temperature range
Wt
Approximateweight
4 (0.14)
g (oz)
Parameters
2KBB...
Unit
Conditions
2KBB Series
2KBB05, 2KBB05R
50
10
500
20
7000
0.3
2KBB10, 2KBB10R
100
10
500
40
5000
0.5
2KBB20, 2KBB20R
200
10
500
80
3300
0.8
2KBB40, 2KBB40R
400
10
500
125
1600
1.5
2KBB60, 2KBB60R
600
10
500
250
1200
2.5
2KBB80, 2KBB80R
800
10
500
380
800
3.0
2KBB100, 2KBB100R
1000
10
500
500
600
5.0
Following any rated load
condition,and with rated
V
RRM
applied following surge
RatedV
RRM
appliedfollowing
surge, initial T
J
= 150°C


Similar Part No. - 2KBB05

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2KBB05 IRF-2KBB05 Datasheet
66Kb / 3P
   2KBB SERIES 1.9A single phase rectifier bridge
logo
Vishay Siliconix
2KBB05 VISHAY-2KBB05 Datasheet
82Kb / 4P
   Single Phase Rectifier Bridge, 1.9 A
Revision: 17-Jun-08
2KBB05 VISHAY-2KBB05 Datasheet
92Kb / 5P
   Single Phase Rectifier Bridge, 1.9 A
Revision: 17-Jun-08
logo
International Rectifier
2KBB05R IRF-2KBB05R Datasheet
66Kb / 3P
   2KBB SERIES 1.9A single phase rectifier bridge
More results

Similar Description - 2KBB05

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2KBB05R IRF-2KBB05R Datasheet
66Kb / 3P
   2KBB SERIES 1.9A single phase rectifier bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com