Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R75TW2820AA10J Datasheet(PDF) 7 Page - Kemet Corporation

Part # R75TW2820AA10J
Description  R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R75TW2820AA10J Datasheet(HTML) 7 Page - Kemet Corporation

Back Button R75TW2820AA10J Datasheet HTML 3Page - Kemet Corporation R75TW2820AA10J Datasheet HTML 4Page - Kemet Corporation R75TW2820AA10J Datasheet HTML 5Page - Kemet Corporation R75TW2820AA10J Datasheet HTML 6Page - Kemet Corporation R75TW2820AA10J Datasheet HTML 7Page - Kemet Corporation R75TW2820AA10J Datasheet HTML 8Page - Kemet Corporation R75TW2820AA10J Datasheet HTML 9Page - Kemet Corporation R75TW2820AA10J Datasheet HTML 10Page - Kemet Corporation R75TW2820AA10J Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3106_R75 • 5/20/2014
7
Film Capacitors – Polypropylene Pulse/High Frequency Capacitors
R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
Maximum Voltage (V
rms) vs. Frequency (Sinusoidal Waveform/Th ≤ 40ºC)
1
10
100
1000
0.1
1
10
100
1000
Vrms [V]
f [kHz]
160Vdc / 90Vac
0.068 µF p= 7.5
0.1 µF p=10.0
0.33 µF p=15.0
1
µF p=22.5
3.3 µF p=27.5
15
µF p=37.5
1
10
100
1000
0.1
1
10
100
1000
Vrms [V]
f [kHz]
250Vdc / 160Vac
1
10
100
1000
0.1
1
10
100
1000
Vrms [V]
f [kHz]
400Vdc / 220Vac
0.015 µF p= 7.5
0.022µF p=10.0
0.1 µF p=15.0
0.47 µF p=22.5
2.2 µF p=27.5
6.8 µF p=37.5
0.033 µF p= 7.5
0.047 µF p=10.0
0.22 µF p=15.0
0.68 µF p=22.5
1.5 µF p=27.5
15
µF p=37.5
1
10
100
1000
0.1
1
10
100
1000
Vrms [V]
f [kHz]
630Vdc / 250Vac
3300 pF p= 7.5
2200 pF p=10.0
0.068µF p=15.0
0.33 µF p=22.5
1
µF p=27.5
4.7 µF p=37.5
1
10
100
1000
0.1
1
10
100
1000
Vrms [V]
f [kHz]
1000Vdc / 250Vac
0.033 µF p=15.0
0.1 µF p=22.5
0.68 µF p=27.5
2.2 µF p=37.5
1
10
100
1000
0.1
1
10
100
1000
Vrms [V]
f [kHz]
1250 Vdc / 600Vac
0.01 µF p=15.0
0.047 µF p=22.5
0.15 µF p=27.5
0.68 µF p=37.5
1
10
100
1000
0.1
1
10
100
1000
Vrms [V]
f [kHz]
1600Vdc / 650Vac
6800 pF p=15.0
0.068 µF p=22.5
0.18 µF p=37.5
0.56 µF p=27.5
1.2 µF p=37.5
1
10
100
1000
0.1
1
10
100
1000
Vrms [V]
f [kHz]
2000Vdc / 700Vac
3300 pF p=15.0
0.047µF p=22.5
0.15 µF p=37.5
0.39 µF p=27.5
0.82 µF p=37.5


Similar Part No. - R75TW2820AA10J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R75TW2820AA10J KEMET-R75TW2820AA10J Datasheet
1Mb / 27P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75TW2820AA10J KEMET-R75TW2820AA10J Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
More results

Similar Description - R75TW2820AA10J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R75 KEMET-R75 Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
R75PN2820AA30K KEMET-R75PN2820AA30K_16 Datasheet
1Mb / 27P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Kemet Corporation
F461KE223J160C KEMET-F461KE223J160C Datasheet
1Mb / 32P
   General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
logo
Illinois Capacitor, Inc...
222PPR202KE ILLINOISCAPACITOR-222PPR202KE_13 Datasheet
435Kb / 3P
   Small size Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Kemet Corporation
R71MF2100AA00J KEMET-R71MF2100AA00J Datasheet
2Mb / 21P
   R71 Series Single Metallized Polypropylene Film, Radial, SMPS PFC Applications
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com