Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27C12820NL4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS27C12820NL4
Description  131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C12820NL4 Datasheet(HTML) 2 Page - Texas Instruments

  TMS27C12820NL4 Datasheet HTML 1Page - Texas Instruments TMS27C12820NL4 Datasheet HTML 2Page - Texas Instruments TMS27C12820NL4 Datasheet HTML 3Page - Texas Instruments TMS27C12820NL4 Datasheet HTML 4Page - Texas Instruments TMS27C12820NL4 Datasheet HTML 5Page - Texas Instruments TMS27C12820NL4 Datasheet HTML 6Page - Texas Instruments TMS27C12820NL4 Datasheet HTML 7Page - Texas Instruments TMS27C12820NL4 Datasheet HTML 8Page - Texas Instruments TMS27C12820NL4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EPROM
AND
PROM
TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27PC128 131 072-BIT PROGRAMMABLE READ-ONLY MEMORY
SMLS128E–OCTOBER 1984–REVISED JANUARY 1993
POST OFFICE BOX 1443
HOUSTON, TEXAS
77251–1443
2
These devices are fabricated using power-saving CMOS technology for high speed and simple interface with
MOS and bipolar circuits. All inputs (including program data inputs) can be driven by Series 74 TTL circuits
without the use of external pull-up resistors. Each output can drive one Series 74 TTL circuit without external
resistors.
The data outputs are three-state for connecting multiple devices to a common bus. The TMS27C128 and the
TMS27PC128 are pin compatible with 28-pin 128K MOS ROMs, PROMs, and EPROMs.
The TMS27C128 EPROM is offered in a dual-in-line ceramic package (J suffix) designed for insertion in
mounting hole rows on 15,2-mm (600-mil) centers. The TMS27C128 is offered with two operating temperature
ranges of 0
°C to 70°C (JL suffix) and – 40°C to 85°C (JE suffix). The TMS27C128 is also offered with 168-hour
burn-in temperature ranges (JL4 and JE4 suffixes). (See table below).
The TMS27PC128 PROM is offered in a dual-in-line plastic package (N suffix) designed for insertion in mounting
hole rows on 15,2-mm (600-mil) centers. The TMS27PC128 is also supplied in a 32-lead plastic leaded chip
carrier package using 1,25-mm (50-mil) lead spacing (FM suffix). The TMS27PC128 is also offered with two
operating temperature ranges of 0
°C to 70°C (NL and FML suffixes) and –40°C to 85°C (NE and FME suffixes).
The TMS27PC128 is also offered with 168 hour burn-in temperature ranges (NL4, FML4, NE4, and FME4
suffixes). (See table below).
All package styles conform to JEDEC standards.
SUFFIX FOR OPERATING
TEMPERATURE RANGES
WITHOUT PEP4 BURN-IN
SUFFIX FOR OPERATING
TEMPERATURE RANGES WITH
PEP4 168 HR. BURN-IN
0
°C TO 70°C
– 40
°C TO 85°C
0
°C TO 70°C
– 40
°C TO 85°C
TMS27C128-XXX
JL
JE
JL4
JE4
TMS27PC128-XXX
NL
NE
NL4
NE4
TMS27PC128-XXX
FML
FME
FML4
FME4
These EPROMs and PROMs operate from a single 5-V supply (in the read mode), thus are ideal for use in
microprocessor-based systems. One other 12-13-V supply is needed for programming . All programming
signals are TTL level. These devices are programmable by using the SNAP! Pulse programming algorithm.The
SNAP! Pulse programming algorithm uses a VPP of 13.0 V and a VCC of 6.5 V for a nominal programming time
of two seconds. For programming outside the system, existing EPROM programmers can be used. Locations
may be programmed singly, in blocks, or at random.


Similar Part No. - TMS27C12820NL4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C128 TI-TMS27C128 Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128 TI1-TMS27C128 Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-120JL TI1-TMS27C128-120JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-15JE TI1-TMS27C128-15JE Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-15JL TI1-TMS27C128-15JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
More results

Similar Description - TMS27C12820NL4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
MBM2716 FUJITSU-MBM2716 Datasheet
384Kb / 5P
   UV ERASABLE 16,384-BIT READ ONLY MEMORY
logo
Austin Semiconductor
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
   256K UVEPROM UV Erasable Programmable Read-Only Memory
logo
Fujitsu Component Limit...
MBM27C1028-15 FUJITSU-MBM27C1028-15 Datasheet
487Kb / 12P
   CMOS 1048576 BIT UV ERASABLE READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com