Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27PC128-12NL4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS27PC128-12NL4
Description  131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27PC128-12NL4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS27PC128-12NL4 Datasheet HTML 5Page - Texas Instruments TMS27PC128-12NL4 Datasheet HTML 6Page - Texas Instruments TMS27PC128-12NL4 Datasheet HTML 7Page - Texas Instruments TMS27PC128-12NL4 Datasheet HTML 8Page - Texas Instruments TMS27PC128-12NL4 Datasheet HTML 9Page - Texas Instruments TMS27PC128-12NL4 Datasheet HTML 10Page - Texas Instruments TMS27PC128-12NL4 Datasheet HTML 11Page - Texas Instruments TMS27PC128-12NL4 Datasheet HTML 12Page - Texas Instruments TMS27PC128-12NL4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27PC128 131 072-BIT PROGRAMMABLE READ-ONLY MEMORY
SMLS128E–OCTOBER 1984–REVISED JANUARY 1993
POST OFFICE BOX 1443
HOUSTON, TEXAS
77251–1443
9
switching characteristics over full ranges of recommended operating conditions (see Notes 3 and 4)
PARAMETER
TEST CONDITIONS
’27C128-12
’27C/PC128-15
UNIT
PARAMETER
TEST CONDITIONS
(SEE NOTES 3 AND 4)
MIN
MAX
MIN
MAX
UNIT
ta(A)
Access time from address
120
150
ns
ta(E)
Access time from chip enable
CL = 100 pF
120
150
ns
ten(G)
Output enable time from G
CL = 100 F,
1 Series 74 TTL Load,
55
75
ns
tdis
Output disable time from G or E, whichever occurs first†
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
45
0
60
ns
tv(A)
Output data valid time after change of address,
E, or G, whichever occurs first†
In ut tf ≤ 20 ns
0
0
ns
TEST CONDITIONS
’27C/PC128-20
′27C/PC128-25
UNIT
(SEE NOTES 3 AND 4)
MIN
MAX
MIN
MAX
UNIT
ta(A)
Access time from address
200
250
ns
ta(E)
Access time from chip enable
CL = 100 pF
200
250
ns
ten(G)
Output enable time from G
CL = 100 F,
1 Series 74 TTL Load,
75
100
ns
tdis
Output disable time from Go r E, whichever occurs first†
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
60
0
60
ns
tv(A)
Output data valid time after change of address, E, or G,
whichever occurs first†
In ut tf ≤ 20 ns
0
0
ns
† Value calculated from 0.5 V delta to measured level. This parameter is only sampled and not 100% tested.
switching characteristics for programming:VCC = 6.5 V and VPP = 13 V (SNAP! Pulse), TA = 25°C (see
Note 3)
PARAMETER
MIN
NOM
MAX
UNIT
tdis(G)
Output disable time from G
0
130
ns
ten(G)
Output enable time from G
150
ns
recommended timing requirements for programming: VCC = 6.5 V and VPP =13 V (SNAP!
Pulse), TA = 25°C (see Note 3)
MIN
NOM
MAX
UNIT
tw(IPGM)
Initial program pulse duration
SNAP! Pulse programming algorithm
95
100
105
µs
tsu(A)
Address setup time
2
µs
tsu(E)
E setup time
2
µs
tsu(G)
G setup time
2
µs
tsu(D)
Data setup time
2
µs
tsu(VPP)
VPP setup time
2
µs
tsu(VCC)
VCC setup time
2
µs
th(A)
Address hold time
0
µs
th(D)
Data hold time
2
µs
NOTES:
3. For all switching characteristics the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high
and 0.8 V for logic low (reference page 10).
4. Common test conditions apply for tdis except during programming.


Similar Part No. - TMS27PC128-12NL4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC128 TI-TMS27PC128 Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27PC128FML TI1-TMS27PC128FML Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
More results

Similar Description - TMS27PC128-12NL4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
MBM2716 FUJITSU-MBM2716 Datasheet
384Kb / 5P
   UV ERASABLE 16,384-BIT READ ONLY MEMORY
logo
Austin Semiconductor
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
   256K UVEPROM UV Erasable Programmable Read-Only Memory
logo
Fujitsu Component Limit...
MBM27C1028-15 FUJITSU-MBM27C1028-15 Datasheet
487Kb / 12P
   CMOS 1048576 BIT UV ERASABLE READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com