Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA240A4PW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA240A4PW
Description  INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA240A4PW Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA240A4PW Datasheet HTML 5Page - Texas Instruments INA240A4PW Datasheet HTML 6Page - Texas Instruments INA240A4PW Datasheet HTML 7Page - Texas Instruments INA240A4PW Datasheet HTML 8Page - Texas Instruments INA240A4PW Datasheet HTML 9Page - Texas Instruments INA240A4PW Datasheet HTML 10Page - Texas Instruments INA240A4PW Datasheet HTML 11Page - Texas Instruments INA240A4PW Datasheet HTML 12Page - Texas Instruments INA240A4PW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
0
30
60
90
-30
120
2
2.5
3
1.5
3.5
D030
Time (2 µs/div)
Common-Mode Input Signal
INA240 Output
Time (2 Ps/div)
0
0
D019
Time (1 s/div)
D016
Time (10 Ps/div)
0
0
2-VPP Output Signal
10-mVPP Input Signal
D017
9
INA240
www.ti.com
SBOS662A – JULY 2016 – REVISED OCTOBER 2016
Product Folder Links: INA240
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, VCM = 12 V, and VREF = VS / 2 (unless otherwise noted)
VS = ±2.5 V, VCM = 0 V, VDIF = 0 V, VREF1 = VREF2 = 0 V
Figure 19. 0.1-Hz to 10-Hz Voltage Noise
(Input Referred)
VREF1 = VREF2 = 0 V
Figure 20. Step Response
(10-mVPP Input Step)
Figure 21. Common-Mode Voltage Transient Response
VREF1 = VREF2 = 0 V
Figure 22. Start-Up Response


Similar Part No. - INA240A4PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240A4PW TI1-INA240A4PW Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
INA240A4PW TI1-INA240A4PW Datasheet
1Mb / 35P
[Old version datasheet]   High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240A4PWR TI1-INA240A4PWR Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
INA240A4PWR TI1-INA240A4PWR Datasheet
1Mb / 35P
[Old version datasheet]   High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240A4PWT TI1-INA240A4PWT Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
More results

Similar Description - INA240A4PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240_016 TI1-INA240_016 Datasheet
1Mb / 35P
[Old version datasheet]   High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240-Q1 TI1-INA240-Q1_17 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
logo
Maxim Integrated Produc...
MAX40056F MAXIM-MAX40056F Datasheet
1Mb / 24P
   Bidirectional Current Sense Amplifier with PWM-Rejection
2021
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
   Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
AD8418A AD-AD8418A Datasheet
424Kb / 17P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8417 AD-AD8417 Datasheet
310Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210 Datasheet
2Mb / 22P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 2 - February 2020
TSC210 STMICROELECTRONICS-TSC210_V01 Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com